Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 24Page - STMicroelectronics STA680 Datasheet HTML 25Page - STMicroelectronics STA680 Datasheet HTML 26Page - STMicroelectronics STA680 Datasheet HTML 27Page - STMicroelectronics STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Digital I/O and memory interfaces
STA680
28/43
5.3
Audio interface (AIF)
The AIF (Audio Interface) is used for the communication with external digital signal sources
and receivers. The main AIF features are:
●
1 Input SAI interface.
●
3 Output SAI interface.
●
1 S/PDIF transmitter.
●
Audio Sample Rate Converter (ASRC).
●
I/O sample rates: 44.1 kHz, 45.6 kHz, 48 kHz.
The AIF includes 1 Input SAI interface, 3 Output SAI interface and 1 S/PDIF (industry
standard) transmitter. The receivers and transmitters can be used either in master-mode,
running with the STA680 internal audio frequency of 44.1 kHz or in slave mode running with
a frequency determined by the external device. In slave mode, in order to adapt the external
data rate to the internal audio data rate, it is possible to use an internal Audio Sample Rate
Converter (ASRC, see Chapter 5.3.4).
5.3.1
Output serial audio interface (SAI)
The output serial audio interface is used to send decoded audio samples from the HD Radio
Decoder to an external IC for audio processing, or directly to a digital power amplifier.
The output SAI is an I2S interface which provides audio samples in stereo at a 44,1 kS/s
sample rate. Other sample rates may be provided by means of the internal ASRC (see
Chapter 5.3.4).
The output SAI interface shares the word strobe and the bit clock signal with three data
output signals in order to support up to a total of 3 stereo channels of audio output. For
interfacing the STA680 to an external DAC an oversampling clock whose frequency is 256
times the sampling frequency is provided. For pin description refers to Table 8.
The output SAI supports a 32x or 64x bit clock. The 32x clock mode shifts out serial data
with no padding. The 64x clock mode shifts out the 16-bit audio data first followed by 16 bits
of zero padding. Figure 10 shows timing diagrams for the supported modes.
Table 8.
AIF pin list
Pin name
Designation
Type
Drive
AUDIO_IN_AWS
Digital audio input word strobe
I
-
AUDIO_IN_ABCK
Digital audio input bit clock
I
-
AUDIO_IN_ADAT
Digital audio input serial data
I
-
AWS
Digital audio output word strobe
I/O
4mA
ABCK
Digital audio output clock
I/O
4mA
ADAT
Digital audio output serial data
O
4mA
ADAT2
Digital audio output serial data channel 2
O
4mA
ADAT3
Digital audio output serial data channel 3
O
4mA
DAC256X
Digital audio output oversampling clock (256 x Fs)
O
4mA
SPDIF
Digital audio output in SPDIF format
O
4mA
BLEND
Digital audio output blend output
O
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com