Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics STA680 Datasheet HTML 33Page - STMicroelectronics STA680 Datasheet HTML 34Page - STMicroelectronics STA680 Datasheet HTML 35Page - STMicroelectronics STA680 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Digital I/O and memory interfaces
STA680
32/43
5.4.2
Flash serial peripheral interface (SPI2)
The Flash SPI is useful for storing boot code and other configuration parameters. The
minimum required capacity for this purpose is 1 Mbit.
The STA680 is SPI master only on the FLASH bus. No glue logic is necessary to connect an
external Flash to the HD Radio Decoder.
In the BGA package up to 4 chips selects are available. For pin description see Table 12.
5.4.3
SD/MMC serial peripheral interface (SPI3)
The SPI SD/MMC SPI allows to connect the STA680 to a Secure Digital Card or a
Multimedia Card for data storage purposes.
This interface can be configured to be master or slave and is available only in the BGA
Package. For pin description see Table 13.
5.4.4
I2C interfaces
The STA680 provides two I2C interfaces that can be used to communicate with the Host
Microcontroller. The first one may be used by the Host Micro in replacement of the SPI1 to
control the main function of the HD Radio Decoder. The second one is an auxiliary interface
and is available only in the LFBGA package option. For pin description see Table 14.
Table 12.
Flash SPI pin list
Pin name
Designation
Type
Drive
SPI2_MISO(1)
1.
Slave only interface.
Flash SPI data master in/slave out
I
-
SPI2_MOSI(1)
Flash SPI data master out/slave in
O
4mA
SPI2_SCK
Flash SPI clock
O
4mA
SPI2_SS_N
Flash SPI active-low slave select 1
O
4mA
SPI2_SS1_N
Flash SPI active-low slave select 2 (2))
2.
Only available in BGA package.
O4mA
SPI2_SS2_N
Flash SPI active-low slave select 3 (2)
O4mA
SPI2_SS3_N
Flash SPI active-low slave select 4 (2)
O4mA
Table 13.
SD/MMC SPI pin list
Pin name
Designation(1)
1.
Only available in BGA package
Type
Drive
SPI3_MISO
SD/MMC SPI data master in/slave out
I/O
4mA
SPI3_MOSI
SD/MMC SPI data master out/slave in
I/O
4mA
SPI3_SCK
SD/MMC SPI clock
O
4mA
SPI3_SS_N
SD/MMC SPI active-low slave select 1
O
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com