Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics STA680 Datasheet HTML 33Page - STMicroelectronics STA680 Datasheet HTML 34Page - STMicroelectronics STA680 Datasheet HTML 35Page - STMicroelectronics STA680 Datasheet HTML 36Page - STMicroelectronics STA680 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
STA680
Digital I/O and memory interfaces
33/43
The data pins of the two I2C interfaces are open drain drivers and must have resistive pull-
up conforming to Philip's IIC specification.
Figure 12 shows timing diagrams and waveform for the two I2C interfaces.
Figure 12.
Timing diagrams and waveform for the two I2C interfaces
In Table 15 are reported the timing values for the I2C interface.
Table 14.
Host and auxiliary I2C interface pin list
Pin name
Designation
Type
Drive
IIC1_SCL
Host Micro I2C interface serial clock line
I/O
4mA
IIC1_SDA
Host Micro I2C interface serial data line
I/O
4mA
IIC1_DA
Host Micro I2C interface data acknowledged
I/O
4mA
IIC2_SCL
Auxiliary I2C interface serial clock line
I/O
4mA
IIC2_SDA
Auxiliary I2C interface serial data line
I/O
4mA
IIC2_DA
Auxiliary I2C interface data acknowledged
I/O
4mA
Ts,dat
Th,dat
Thigh
IICx_SDA
IICx_SCL
Bit 1
Bit 2
Bit n
Start
Stop
1/Fscl
Tlow
Th,sta
Th,sto
AC00719
Table 15.
I2C interface timing values
Symbol
Parameter
Condition
Standard-mode
Fast-mode
Unit
Min.
Max.
Min.
Max.
Fscl
Scl clock frequency
100
400
kHz
Tlow
Low period of scl clock
4.7
1.3
µs
Thigh
High period of scl clock
4
0.6
µs
Th,dat
Data hold time
5
µs
Ts,dat
Data setup time
250
100
µs
Th,sta
Hold time for start condition
4
0.6
µs
Ts,sto
Setup time for stop
condition
40.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com