Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 26Page - STMicroelectronics STA680 Datasheet HTML 27Page - STMicroelectronics STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics STA680 Datasheet HTML 33Page - STMicroelectronics STA680 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Digital I/O and memory interfaces
STA680
30/43
5.3.4
Audio sample rate converter (ASRC)
The STA680 supports various external host audio interfaces. The audio sample rate
converter is designed to interface the audio output to systems with local master audio clock
sources.
Output sample rates of 44,100 (± 10 Hz), 45,600 (± 15 Hz) and 48,000 (± 15 Hz) are
acceptable. Total harmonic distortion plus noise (THD+N) at 1 kHz is greater than 85 dB
down (0.0056%).
One stereo channel (i.e. single ADAT line) either from the input SAI or from the output SAI
can be used with the audio sample rate converter.
In applications where the STA680 supplies the master clock to the audio D/A converter, the
ASRC will be bypassed.
5.4
Serial peripheral interfaces (SPI)
The STA680 provides three serial peripheral interfaces, each one intended for a different
and specific purpose:
●
SPI1 - The first SPI is intended for communicating with the Host Microcontroller.
Alternatively to this purpose can be also the Host Micro I2C Interface (see
Chapter 5.4.1)
●
SPI2 - The second SPI has been taught to interface the STA680 with the external an
external flash typically used to store the application code.
●
SPI3 - The third SPI allow the HD Radio decoder to control an external SD/MMC card.
For master mode the SPI clock frequency is a divide down by n of the internal peripheral
clock frequency, where n is an integer number comprised between 2 and 65536. The
maximum SPI clock frequency in master mode is 25 MHz.
For slave mode the maximum input frequency value accepted for the SPI clock from an
external device is a function of the internal peripheral clock.
In particular the maximum frequency is
.
Figure 11 shows timing diagrams and waveform for the three SPI.
F
SPI
F
perif
8
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com