Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 34Page - STMicroelectronics STA680 Datasheet HTML 35Page - STMicroelectronics STA680 Datasheet HTML 36Page - STMicroelectronics STA680 Datasheet HTML 37Page - STMicroelectronics STA680 Datasheet HTML 38Page - STMicroelectronics STA680 Datasheet HTML 39Page - STMicroelectronics STA680 Datasheet HTML 40Page - STMicroelectronics STA680 Datasheet HTML 41Page - STMicroelectronics STA680 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Electrical specifications
STA680
38/43
6.3
Operating conditions
Table 22.
DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Core supply voltage
1.1
1.2
1.3
V
VDD_GEN_IO
Generic IO supply voltage
3.0
3.3
3.6
V
VDD_FSH_IO
Flash IO supply voltage
3.0
3.3
3.6
V
VDD_RAM_IO
SDRAM IO supply voltage
3.0
3.3
3.6
V
VDD_OSC
Oscillator analog supply
voltage
1.7
1.8
1.95
V
VDD_PLL_ANA PLL analog supply voltage
1.7
1.8
2.75
V
VDD_PLL_DIG
PLL digital supply voltage
1.1
1.2
1.3
V
VDD_SAF
SAF supply voltage
1.1
1.2
1.3
V
IDD_1V2
Core supply current at 1.2V
mA
IDD_IO
IO supply current
mA
Pd
Power dissipation
mW
Iil
Low level input leakage
current(1)
Vi = 0V
1.9
µA
Iih
High level input leakage
current(1)
Vi = VDD_GEN_IO(2)
1.9
µA
Ilpu
High level input leakage
current on pull up(3)
Vi = VDD_GEN_IO(2)
2.9
µA
Ilpd
Low level input leakage
current on pull-down(4)
Vi = 0V
10
µA
Ipu
Pull-up current
Vi = 0V
72
µA
Ipd
Pull-down current
Vi = VDD_GEN_IO(2)
72
µA
Rpu
Equivalent pull-up
resistance(5)
Vi = 0V
50
K
Ω
Rpd
Equivalent pull-down
resistance(6)
Vi = VDD_GEN_IO(2)
50
K
Ω
Vil
Low level input voltage
3.3 supply mode
-0.3
0.8
V
Vih
High level input voltage
3.3 supply mode
2.0
VDD_G
EN_IO
+0.3
V
Vhyst
Input hysteresis voltage
3.3 supply mode
50
mV
Voh
Output high voltage
Ioh =XmA(7)
VDD_R
AM_IO
– 0.2V
V
Vol
Output low voltage
Iol =XmA(7)
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com