Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics STA680 Datasheet HTML 21Page - STMicroelectronics STA680 Datasheet HTML 22Page - STMicroelectronics STA680 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
STA680
I/O description
19/43
12, 23,
30, 39,
49
A12,
B12,
D1, D2
VDD_GEN_IO
power 1.8 V or 3.3 V
Generic IO
Supply
Generic I/Os power supply
72
L6
GND_FSH_IO
power
-
Flash IO
Supply
Ground for Flash Interface I/Os
73
L5
VDD_FSH_IO
power 1.8 V or 3.3 V
Flash IO
Supply
Power supply for Flash Inteface
I/Os
92, 103,
114,
125, 136
H14,
L11,
L12,
M11,
M12
GND_RAM_IO
power
-
SDRAM IO
Supply
Ground forSDRAM Interface I/Os
93, 104,
113,
124, 135
G14,
M9,
M10
VDD_RAM_IO
power
3.3 V
SDRAM IO
Supply
Power supply forSDRAM
Interface I/Os
81
L9
VDD_RAM_IO_1.8 V
power
1.8 V
1.8 V
SDRAM
Clock
Supply
Power supply forSDRAM clock
pad at 1.8 Volt
80
L10
GND_RAM_IO_1.8 V power
-
1.8 V
SDRAM
Clock
Supply
Ground forSDRAM clock pad at
1.8 volt
60
F3, F4
GND_PLL_DIG
power
-
PLL Digital
Supply
Ground for PLL digital part
61
E4
VDD_PLL_DIG
power
1.2 V
PLL Digital
Supply
Power supply for PLL digital part
62
J4
GND_PLL0_ANA(1)
power
-
PLL
Analog
Supply
Ground for PLL0 analog part
62
J3
GND_PLL1_ANA(1)
power
-
PLL
Analog
Supply
Ground for PLL1 analog part
63
M2
VDD_PLL0_ANA(2)
power
1.8 V
PLL
Analog
Supply
Power supply for PLL0 analog
part
63
M1
VDD_PLL1_ANA(2)
power
1.8 V
PLL
Analog
Supply
Power supply for PLL1 analog
part
64
J2, L2
GND_OSC
power
-
Osc
Supply
Ground for oscillator core
65
J1
VDD_OSC
power
1.8 V
Osc
Supply
Power supply for oscillator core
Table 2.
Pins description (continued)
Pin #
Ball #
Signal name
Type
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com