Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 33Page - STMicroelectronics STA680 Datasheet HTML 34Page - STMicroelectronics STA680 Datasheet HTML 35Page - STMicroelectronics STA680 Datasheet HTML 36Page - STMicroelectronics STA680 Datasheet HTML 37Page - STMicroelectronics STA680 Datasheet HTML 38Page - STMicroelectronics STA680 Datasheet HTML 39Page - STMicroelectronics STA680 Datasheet HTML 40Page - STMicroelectronics STA680 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
STA680
Electrical specifications
37/43
6
Electrical specifications
6.1
Absolute maximum ratings
6.2
Thermal data
Table 20.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Core supply voltage
1.3
V
VDD_GEN_IO
Generic IO supply voltage
3.6
V
VDD_FSH_IO
Flash IO supply voltage
3.6
V
VDD_RAM_IO
SDRAM IO supply voltage
3.6
V
VDD_OSC
Osc 1V8 supply voltage
1.95
V
VDD_PLL_ANA
Pll analog supply voltage
2.75
V
VDD_PLL_DIG
Pll digital supply voltage
1.3
V
VDD_SAF
Saf core supply voltage
1.3
V
Vi
Voltage on input pin
-0.5 to (VDDIO* + 0.5)
V
Vo
Voltage on output pin
-0.5 to (VDDIO* + 0.5)
V
Tstg
Operative storage temperature
-40 to +150
°C
Tj
Operative junction temperature
-40 to +125
°C
Tamb
Operative ambient temperature
-40 to +85
°C
Table 21.
Thermal data
Symbol
Parameter
LQFP
LFBGA
Unit
Rth j-amb
Thermal resistance junction to ambient(1)
1.
According to JEDEC specification on a 4 layers board.
30
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com