Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 12Page - STMicroelectronics STA680 Datasheet HTML 13Page - STMicroelectronics STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
I/O description
STA680
16/43
Not
bonded
M4
SPI2_SS2_N
output 1.8 V or 3.3 V
Flash IO
Supply
SPI interface 2 active-low slave
select 2
Not
bonded
M5
SPI2_SS3_N
output 1.8 V or 3.3 V
Flash IO
Supply
SPI interface 2 active-low slave
select 3
76
N4
SPI2_SCK
output 1.8 V or 3.3 V
Flash IO
Supply
SPI interface 2 serial clock
SPI SD/MMC interface
Not
bonded
C9
SPI3_MISO
input
1.8 V or 3.3 V
Generic IO
Supply
SPI interface 3 serial data master
in/slave out
Not
bonded
C8
SPI3_MOSI
output 1.8 V or 3.3 V
Generic IO
Supply
SPI interface 3 serial data master
out/slave in
Not
bonded
D9
SPI3_SS_N
output 1.8 V or 3.3 V
Generic IO
Supply
SPI interface 3 active-low slave
select
Not
bonded
C10
SPI3_SCK
output 1.8 V or 3.3 V
Generic IO
Supply
SPI interface 3 serial clock
SDRAM interface
83
P5
SDR_FEED_CLK
input
3.3 V
SDRAM IO
Supply
Feedback clock farmsteads
interface
82
N5
SDR_CLK_RAM3.3 V output
3.3 V
SDRAM IO
Supply
Clock distrain for 3.3 V interface
Not
bonded
M6
SDR_CLK_RAM1.8 V output
1.8 V
SDRAM
Supply
Clock to SDRAM for 1.8 V
interface
96
N9
SDR_D0
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 0
97
P9
SDR_D1
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 1
100
N10
SDR_D2
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 2
101
P10
SDR_D3
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 3
102
N11
SDR_D4
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 4
105
P11
SDR_D5
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 5
106
N12
SDR_D6
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 6
107
P12
SDR_D7
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 7
95
P8
SDR_D8
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 8
94
P9
SDR_D9
in/out
3.3 V
SDRAM IO
Supply
SDRAM bidirectional data bit 9
Table 2.
Pins description (continued)
Pin #
Ball #
Signal name
Type
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com