Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics STA680 Datasheet HTML 21Page - STMicroelectronics STA680 Datasheet HTML 22Page - STMicroelectronics STA680 Datasheet HTML 23Page - STMicroelectronics STA680 Datasheet HTML 24Page - STMicroelectronics STA680 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
STA680
Operation and general remarks
21/43
4
Operation and general remarks
4.1
Clock schemes
The STA680 needs an external clock source to feed the internal Phase Locked Loops
(PLLs) to generate all the frequency needed by its cores and peripherals. This reference
clock may be supplied in several ways thus offering flexibility in the development of the final
application:
●
The reference clock may be supplied through the use of an external crystal or as a
digital signal coming from an external IC.
●
The reference clock may have different frequencies and can be fed to the STA680
through different input pins.
The selection of the clock input mode is performed during the power-on phase of the device
by latching the value of the pins ADAT3, BLEND and DAC256X on the rising edge of the
RESET_N signal (see Chapter 4.2); this value shall be selected according to Table 3.
Table 3.
Reference clock configuration
[ADAT3, BLEND,
DAC256X]
Clock type
Input pin
Clock frequency
(MHz)
[0,0,0] (1)
1.
Default setting.
Crystal
OSC_IN
28.224
[0,0,1]
Digital
OSC_IN or CLK_IN (2)
2.
When using OSC_IN pin to input the reference clock the CLK_IN pin must be connected to ground and vice
versa.
23.3472
[0,1,0]
Digital
OSC_IN or CLK_IN (2)
36.48
[0,1,1]
Digital
OSC_IN or CLK_IN (2)
2.9184
[1,0,0]
Digital
BB1_BCK
10.4
[1,0,1]
Digital
BB1_BCK
10.8
[1,1,0]
Digital
BB1_BCK
14.112
[1,1,1]
Digital
AUDIO_IN_ABCK
2.9184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com