Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics STA680 Datasheet HTML 33Page - STMicroelectronics STA680 Datasheet HTML 34Page - STMicroelectronics STA680 Datasheet HTML 35Page - STMicroelectronics STA680 Datasheet HTML 36Page - STMicroelectronics STA680 Datasheet HTML 37Page - STMicroelectronics STA680 Datasheet HTML 38Page - STMicroelectronics STA680 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
STA680
Digital I/O and memory interfaces
35/43
5.5
SDRAM interface
The SDRAM interface supports up to 32M x 16 SDRAM and supports both standard and
mobile protocols. For pin description see Table 18
The minimum required SDRAM size for single channel application is 64 Mbit while for a dual
channel application at least 128 Mbit are needed.
Figure 13 shows timing diagrams and waveform for the SDRAM interface.
Figure 13.
Timing diagrams and waveform for the SDRAM interface
In Table 19 are reported the timing values for the SDRAM interface.
Table 18.
SDRAM Interface pin description
Pin Name
Designation
Type
Drive
SDR_D[0:15]
SDRAM interface data bus
I/O
4 mA
SDR_A[0:12]
SDRAM interface address bus
O
4 mA
SDR_BA[0:1]
Bank address
O
4 mA
SDR_CAS_N
Active-low column address strobe
O
8 mA
SDR_RAS_N
Active-low row address strobe
O
8 mA
SDR_WE_N
Active-low write enable
O
8 mA
SDR_CS_N
Active-low chip select
O
8 mA
SDR_DQM0
low-byte data input/output mask
O
4 mA
SDR_DQM1
high-byte data input/output mask
O
4 mA
SDR_CKE
Clock enable
O
4 mA
SDR_CLK_RAM3V3
Clock to SDRAM for 3.3 V interface
O
8 mA
SDR_FEED_CLK
Feedback clock from SDRAM
I
8 mA
SDR_CLK_RAM
SDR_CAS
SDR_A
SDR_D
SDR_BA
SDR_WE_N
SDR_CLK_CS
SDR_RAS
ROW
BANK
COL
BANK
Din
Tds
Tdh
Toh
Tac
Dout
Tcl
Tch
Tck
BANK
BANK
ROW
COL
CAS latency = 3
write
read
AC00720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com