Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics STA680 Datasheet HTML 21Page - STMicroelectronics STA680 Datasheet HTML 22Page - STMicroelectronics STA680 Datasheet HTML 23Page - STMicroelectronics STA680 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
I/O description
STA680
20/43
3.4
I/Os supply groups
The STA680 I/O signals are arranged into three different supply groups: Generic IO supply,
Flash IO supply and SDRAM IO supply group (see Table 2).
In the LQFP package option all three groups must be supplied with 3.3 V.
In the LFBGA package the three supply groups can independently operate at 3.3 V or 1.8 V.
●
The SDRAM_IO supply group must always be supplied at 3.3 V.
●
The MODEOP_GEN pin selects the operating voltage of the Generic_IO supply group.
If the it is shorted to ground then all the I/O signals belonging to the Generic_IO supply
group will work at 1.8 V; if the MODEOP_GEN pin is left floating or it is tied high (3.3 V)
all the group I/Os will operate at 3.3 V.
●
The MODEOP_FSH pin selects the operating voltage of the Flash_IO supply group. If
the it is shorted to ground then all the I/O signals belonging to the Flash_IO supply
group will work at 1.8 V; if the MODEOP_FSH pin is left floating or it is tied high (3.3 V)
the Flash Interface I/Os will operate at 3.3 V.
68
K4, L4
VDD_REG3.3 V
power
3.3 V
LDO
Supply
Input power supply for voltage
regulator at 3.3 Volt
69
N1, N2 VDD_REG1.8 V
power
1.8 V
LDO
Supply
Output power supply from voltage
regulator at 1.8 Volt
Table 2.
Pins description (continued)
Pin #
Ball #
Signal name
Type
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com