Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics STA680 Datasheet HTML 21Page - STMicroelectronics STA680 Datasheet HTML 22Page - STMicroelectronics STA680 Datasheet HTML 23Page - STMicroelectronics STA680 Datasheet HTML 24Page - STMicroelectronics STA680 Datasheet HTML 25Page - STMicroelectronics STA680 Datasheet HTML 26Page - STMicroelectronics STA680 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
STA680
Operation and general remarks
23/43
4.2
Power on
This chapter describes the power-on procedure for the cold start (cold start means that the
device is completely disconnected from the power supply before being turned on). Figure 8
and Table 4 show the timing for the power up sequence of the cold start.
Figure 8.
Power on timing
4.2.1
Power supply ramp up phase
All power supplies must be ramped-up to their specified levels within the time TRamp-up, set
by the external power supply circuit on the board. The ramp up phase of each power domain
should start at the same time.
The RESET_N pin must be kept low since the beginning. For normal applications, the
TESTMODE pin (Factory test mode enable, see Table 2) must be connected to ground.
Table 4.
Power on timing parameters
Symbol
Parameter
Min
Max
Unit
Tramp-up
External supply ramp-up time
TBD
µs
TDC1V8
DC1V8 regulator start-up time
300
µs
TOSC
Oscillator start-up time
0.18
ms
TRST
Reset release time
1.1
µs
TCFG
Setup of clock/jtag configuration
0.1
µs
Core Clock
T
DC1V8
T
OSC
T
RST
T
CFG
primary boot
Min @ 2.9184MHz
Max @ 38.48MHz
secondary boot
@ 28.224MHz
functional mode
max @ 166MHz
set for jtag /tap config .
set for clock
config .
Core Supply
(1.2V)
I/Os Supply
(3.3V or 1.8 V)
LDO Input Supply
(3.3V)
LDO Output Supply
(1.8V)
OSC_IN
OSC_OUT
RESET_N
ADAT
ADAT2
ADAT3
BLEND
DAC256X
T
Ramp - up
AC00708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com