Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA680 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA680
Description  HD Radio base-band receiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics STA680 Datasheet HTML 21Page - STMicroelectronics STA680 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
I/O description
STA680
18/43
122
J14
SDR_A6
output
3.3 V
SDRAM IO
Supply
Address bit 6 toSDRAM
121
J13
SDR_A7
output
3.3 V
SDRAM IO
Supply
Address bit 7 toSDRAM
118
K14
SDR_A8
output
3.3 V
SDRAM IO
Supply
Address bit 8 toSDRAM
117
K13
SDR_A9
output
3.3 V
SDRAM IO
Supply
Address bit 10 toSDRAM
137
D13
SDR_A10
output
3.3 V
SDRAM IO
Supply
Address bit 10 toSDRAM
116
L14
SDR_A11
output
3.3 V
SDRAM IO
Supply
Address bit 11 toSDRAM
115
L13
SDR_A12
output
3.3 V
SDRAM IO
Supply
Address bit 12 toSDRAM
Supplies
Not
bonded
F12
MODEOP_GEN
input
3.3 V
SDRAM IO
Supply
Define the operating voltage of
the "Generic I/O" supply group. If
tied low the I/Os work at 1.8V else
they work at 3.3V. Default value is
3.3V.
Not
bonded
E12
MODEOP_FSH
input
3.3 V
SDRAM IO
Supply
Define the operating voltage of
the "Flash I/O" supply group. If
tied low the I/Os work at 1.8V else
they work at 3.3V. Default value is
3.3V.
8, 19,
28, 36,
46, 59,
71, 78,
88, 99,
108,
119,
130, 143
D5, D6,
E11,
F11,
J11,
J12,
K3,
K11,
K12, L3
VDD
power
1.2 V
Core
Supply
Power supply for core logic
9, 20,
27, 37,
47, 58,
70, 79,
87, 98,
109,
120,
131, 142
F6, F7,
F8, F9,
G6, G7,
G8, G9,
H6, H7,
H8, H9,
J6, J7,
J8, J9
GND
power
-
Core
Supply
Ground for core logic
11, 22,
27, 38,
48
A5, B5,
H1, H2
GND_GEN_IO
power
-
Generic IO
Supply
Generic I/Os ground
Table 2.
Pins description (continued)
Pin #
Ball #
Signal name
Type
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com