Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 53 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 49Page - STMicroelectronics ADE3800SXL Datasheet HTML 50Page - STMicroelectronics ADE3800SXL Datasheet HTML 51Page - STMicroelectronics ADE3800SXL Datasheet HTML 52Page - STMicroelectronics ADE3800SXL Datasheet HTML 53Page - STMicroelectronics ADE3800SXL Datasheet HTML 54Page - STMicroelectronics ADE3800SXL Datasheet HTML 55Page - STMicroelectronics ADE3800SXL Datasheet HTML 56Page - STMicroelectronics ADE3800SXL Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 138 page
background image
53/138
ADE3800
Register Description by Block
4.10 Scale (SCL)
ADE scales input video to output panel resolution without external video frame memory. This
requires tuning of the panel timing parameters to make the vertical active time match the panel’s.
Features:
● Separable 3V x 4H polyphase filter:
— 3 line filter for H resolutions <= 1024
— 2 line filter for H resolutions > 1024
● independent H & V kernel register storage
— 64 phases are interpolated from 6V or 10H reference points
— symmetric kernels only
— coefficients range from –2 to +1 63/64
● Simple pointer collision feedback mechanism
● 2-way 3
rd generation context sensitive filtering
DMEAS_DATA_0
090E
R
[7:0]
00
Refer to Table 22 below
DMEAS_DATA_1
090F
R
[7:0]
00
DMEAS_DATA_2
0910
R
[7:0]
00
DMEAS_DATA_3
0911
R
[7:0]
00
DMEAS_DATA_4
0912
R
[7:0]
00
DMEAS_DATA_5
0913
R
[7:0]
00
DMEAS_DATA_6
0914
R
[7:0]
00
DMEAS_DATA_7
0915
R
[7:0]
00
Table 22: DMEAS Output Registers Assignment
alg_sel = 00
alg_sel = 01
alg_sel = 10
alg_sel = 11
DMEAS_DATA_0
edge_out [7:0]
min_out [7:0]
hpos_min [7:0]
de_size_out [7:0]
DMEAS_DATA_1
edge_out [15:8]
max_out [7:0]
hpos_min [11:8]
de_size_out [15:8]
DMEAS_DATA_2
edge_out [23:16]
pcd_out [7:0]
hpos_max [7:0]
de_mismatch_flag
DMEAS_DATA_3
edge_out [31:24]
pcd_out [15:8]
hpos_max [11:8]
N/A
DMEAS_DATA_4
psum_out [7:0]
pcd_out [23:16]
vpos_min [7:0]
N/A
DMEAS_DATA_5
psum_out [15:8]
N/A
vpos_min [11:8]
N/A
DMEAS_DATA_6
psum_out [23:16]
N/A
vpos_max [7:0]
N/A
DMEAS_DATA_7
psum_out [31:24]
N/A
vpos_max [11:8]
N/A
Table 21: DMEAS Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com