Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 38 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 34Page - STMicroelectronics ADE3800SXL Datasheet HTML 35Page - STMicroelectronics ADE3800SXL Datasheet HTML 36Page - STMicroelectronics ADE3800SXL Datasheet HTML 37Page - STMicroelectronics ADE3800SXL Datasheet HTML 38Page - STMicroelectronics ADE3800SXL Datasheet HTML 39Page - STMicroelectronics ADE3800SXL Datasheet HTML 40Page - STMicroelectronics ADE3800SXL Datasheet HTML 41Page - STMicroelectronics ADE3800SXL Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
Register Description by Block
ADE3800
38/138
Note:
Timeout and Tolerance use Horizontal and Vertical measurements. These can either be the
Horizontal or Vertical syncs from an Analog input or the local generated Horizontal Enable and/or
Vertical Enable.
Table 17: SMEAS Register Definitions (Sheet 1 of 6)
Register Name
Addr
Mode
Bits
Rst
Description
SMEAS_ACT_CTRL
0100
R/W
[3]
00
Free-run enable
R/W
[2]
Freeze results during free run mode. No meaning in one shot
mode.
0*: Do not freeze. New result will be available on the next and
subsequent toggle of the polling bit.
1: Freeze the current results. The polling bit will still toggle
and the block continues to free run; however, results will not
update.
R/W
[1]
Activity detection start.
In one-shot mode setting this bit triggers the start of a
measurement. This bit is reset to zero when the
measurement is complete. No meaning in free run mode.
R/W
[0]
Activity detection mode.
0*: free-run mode
1: one-shot mode
SMEAS_ACT_H_SMPTM_L
SMEAS_ACT_H_SMPTM_U
0101
0102
R/W
R/W
[7:0]
[7:0]
00
00
Sample period value for clock or HSync activity. Xclks [7:0]
Sample period value for clock or HSync activity. Xclks [15:8]
SMEAS_ACT_V_SMPTM_L
SMEAS_ACT_V_SMPTM_U
0103
0104
R/W
R/W
[7:0]
[7:0]
00
00
Sample period value for vsync activity. Xclks / 256 [7:0]
Sample period value for vsync activity. Xclks / 256 [15:8]
SMEAS_ACT_H_MINEDGE
0105
R/W
[7:0]
00
Minimum edge count value for clk or HSync activity.
SMEAS_ACT_V_MINEDGE
0106
R/W
[7:0]
00
Minimum edge count value for vsync activity.
SMEAS_H_TMOT_L
SMEAS_H_TMOT_U
0107
0108
R/W
R/W
[7:0]
[7:0]
00
00
Timeout counter value for clk or horizontal measurement.
xclks [7:0]
Timeout counter value for clk or horizontal measurement.
xclks [15:8]
SMEAS_V_TMOT_L
SMEAS_V_TMOT_U
0109
010A
R/W
R/W
[7:0]
[7:0]
00
00
Timeout counter value for vertical measurement. xclks / 256
[7:0]
Timeout counter value for vertical measurement. xclks / 256
[15:8]
SMEAS_CLEAR
0110
R/W
[1]
00
clears SMEAS_STATUS_RANGE[7] sticky bit only.
Must be reset by software.
[0]
clears timeouts, measurements.
Must be reset by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com