Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 92 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 88Page - STMicroelectronics ADE3800SXL Datasheet HTML 89Page - STMicroelectronics ADE3800SXL Datasheet HTML 90Page - STMicroelectronics ADE3800SXL Datasheet HTML 91Page - STMicroelectronics ADE3800SXL Datasheet HTML 92Page - STMicroelectronics ADE3800SXL Datasheet HTML 93Page - STMicroelectronics ADE3800SXL Datasheet HTML 94Page - STMicroelectronics ADE3800SXL Datasheet HTML 95Page - STMicroelectronics ADE3800SXL Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 138 page
background image
Register Description by Block
ADE3800
92/138
4.16 Adaptive Phase Control (APC)
The APC block generates a 2-bit dither pattern for an 8-bit panel or a 4-bit dither pattern for a 6-bit
panel to visually improve the amplitude resolution of the 10-bit RGB output signal.
4.16.1 Function
The heart of the APC block consists of a 32x32x4 bit lookup table (LUT). It represents one threshold
matrix, which can be read using a programmable addressing technique as well as a programmable
dither threshold control. The panel depth APC_CTRL0[1] should match the bit depth of the panel
and is not masked by APC enable APC_CTRL0[0]. When APC_CTRL0[0] is cleared, the dither
pattern is set to zero.
4.16.2 Addressing Technique
The APC block offers an I2C programmable addressing technique to generate various temporal
dither patterns. The frame offset APC_CTRL1[7:4] is a 4-bit increment value, which defines the
horizontal/vertical displacement of the dither matrix from frame to frame. After the frame length
APC_CTRL1[3:0] + 1 number of frames, both horizontal and vertical displacement positions will be
reset to zero, only when the frame length APC_CTRL1[3:0] > 0.
Note:
To set the frame accumulator to zero, the frame offset APC_CTRL1[7:4] must be programmed to 0,
and the frame length APC_CTRL1[3:0] to 1.
The frame offset can be independently activated in the horizontal and vertical dimension using
respectively APC_CTRL0[5] and APC_CTRL0[6]. In addition, APC_CTRL0[7] enables a horizontal
displacement increment of the frame offset APC_CTRL1[7:4] per color component.
4.16.3 Dither threshold Control
When the panel depth APC_CTRL0[1] is set to 0, the 4-bit LUT output value maps to a 2-bit value
for 8-bit panels.
HBLOCK_SIZE
0CA2
R/W
[3:0]
00
Size in bits of horizontal window = 2 ^ (3+ hblock_size)
FRAME_CNT_MAX
0CA3
R/W
[7:0]
08
-Number of frames to complete one measurement
-Total number of pixs in a line would be:
frame_cnt_max * (2 ^ (3+ hblock_size) )
-example: hblock_size = 0; frame_cnt_max = 8;
means that it will take 8 frames to finish the calculation. For
each frame only one portion of the image is being calculated
on. The size of that portion is 2 ^ (3 + hblock_size), in this
case 8 pixels. This means that the calculated line length = 8
pix window * 8 frames = 64 pixels
WF_SHIFT
0CA4
R/W
[2:0]
00
Selector of which 4 of the Walsh function is measuring
FLICKER_MEAS0
0CB1 – B4
R/W
[31:0]
00
Score reg showing pattern matching pattern 0
FLICKER_MEAS1
0CB5 – B8
R/W
[31:0]
00
Score reg showing pattern matching pattern 1
FLICKER_MEAS2
0CB9 – BC
R/W
[31:0]
00
Score reg showing pattern matching pattern 2
FLICKER_MEAS3
0CBD – C0
R/W
[31:0]
00
Score reg showing pattern matching pattern 3
Table 31: FLK Registers (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com