Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 97 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 93Page - STMicroelectronics ADE3800SXL Datasheet HTML 94Page - STMicroelectronics ADE3800SXL Datasheet HTML 95Page - STMicroelectronics ADE3800SXL Datasheet HTML 96Page - STMicroelectronics ADE3800SXL Datasheet HTML 97Page - STMicroelectronics ADE3800SXL Datasheet HTML 98Page - STMicroelectronics ADE3800SXL Datasheet HTML 99Page - STMicroelectronics ADE3800SXL Datasheet HTML 100Page - STMicroelectronics ADE3800SXL Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 138 page
background image
97/138
ADE3800
Register Description by Block
The split line buffer can delay and re-interleave the input pixel stream so that a 2 ppc output can
drive both the first and the half line pixels simultaneously. This is commonly used for TCON
applications where the column drivers are split into two groups (left and right halves of the screen)
and driven at ½ the pixel rate. Control signals need to be similarly delayed in the TCON to account
for the ½ line temporal shift. Latency is not important as long as the timing relationship between
HSync, vsync, enable and data is preserved at the output.
Figure 20: Mux block diagram
8
right
shift
8
byte
flip
red &
blue
swap
8
8
right
shift
8
byte
flip
8
8
right
shift
8
byte
flip
8
rin[7:0]
gin[7:0]
bin[7:0]
24
single to
double wide
converter
& RSDS
data pair
iinversion
48
hclk
enab_in
hsync_in
vsync_in
tcon_in[7:0]
LVDS data
swap &
inversion
RSDS
data pair
function
24
FLOPS
14
8
tcon_out
[7:0]
56
6
lvds_out
[55:0]
24
tci[13:0]
F
L
O
P
S
lvds_clk_out
rsds_clka_out
rsds_clkb_out
pwm _a_in
pwm _b_in
2
dotclk
dotclkx2 (otclk)
56
rsds_out
[23:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com