Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 66 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 62Page - STMicroelectronics ADE3800SXL Datasheet HTML 63Page - STMicroelectronics ADE3800SXL Datasheet HTML 64Page - STMicroelectronics ADE3800SXL Datasheet HTML 65Page - STMicroelectronics ADE3800SXL Datasheet HTML 66Page - STMicroelectronics ADE3800SXL Datasheet HTML 67Page - STMicroelectronics ADE3800SXL Datasheet HTML 68Page - STMicroelectronics ADE3800SXL Datasheet HTML 69Page - STMicroelectronics ADE3800SXL Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 138 page
background image
Register Description by Block
ADE3800
66/138
EXAMPLES
All examples assume that the display panel size is 1280x1024 and no pattern is preset, therefore:
● PGEN_X_TOT_L = 00, PGEN_X_TOT_H = 05
● PGEN_Y_TOT_L = 00, PGEN_Y_TOT_H = 04
● All other registers are 00
● A stable picture is being displayed
Example 1
PGEN_GRID0 = PGEN_GRID7 = 00 generated pattern is enabled on all 8 cells of grid 0 (top) and
grid 7 (bottom)
PGEN_GRID1..6 = 7E generated pattern is enabled on 1st and 8th cells only of grid 1 thru 6
PGEN_GRID_X_L = 1280 / 8 cells per grid across screen = A0, PGEN_GRID_X_H = 00
PGEN_GRID_Y_L = 1024 / 8 lines across screen = 80, PGEN_GRID_Y_H = 00
PGEN_P0_MODE = 00 color C0 uses 1 bar (bar 0) only
PGEN_P0_COLOR_R_C1
061D
R/W
[7:0]
00
color C1 – red
PGEN_P0_SEQ_COL0_COL1
061E
R/W
[6:4]
00
bar 0: R G B color mask
R/W
[2:0]
bar 1: R G B color mask
PGEN_P0_SEQ_COL2_COL3
061F
R/W
[6:4]
00
bar 2: R G B color mask
R/W
[2:0]
bar 3: R G B color mask
PGEN_P0_SEQ_COL4_COL5
0620
R/W
[6:4]
00
bar 4: R G B color mask
R/W
[2:0]
bar 5: R G B color mask
PGEN_P0_SEQ_COL6_COL7
0621
R/W
[6:4]
00
bar 6: R G B color mask
R/W
[2:0]
bar 7: R G B color mask
PGEN_P0_WDTH_L
PGEN_P0_WDTH_U
0622
0623
R/W
R/W
[7:0]
[3:0]
00
00
bar width, in pixels
PGEN_P0_HGHT_L
PGEN_P0_HGHT_U
0624
0625
R/W
R/W
[7:0]
[3:0]
00
00
bar height, in lines
PGEN_P0_WDTH_X_OFFSET_L
PGEN_P0_WDTH_X_OFFSET_U
0626
0627
R/W
R/W
[7:0]
[3:0]
00
00
bar horizontal offset, in pixels
PGEN_P0_HGHT_Y_OFFSET_L
PGEN_P0_HGHT_Y_OFFSET_U
0628
0629
R/W
R/W
[7:0]
[3:0]
00
00
bar vertical offset, in lines
PGEN_P0_GRADDELTA_B
062A
R/W
[7:0]
00
blue gradient delta
PGEN_P0_GRADDELTA_G
062B
R/W
[7:0]
00
green gradient delta
PGEN_P0_GRADDELTA_R
062C
R/W
[7:0]
00
red gradient delta
PGEN_P0_GRADSTEP_X
062D
R/W
[7:0]
00
gradient horizontal step, in pixels
PGEN_P0_GRADSTEP_Y
062E
R/W
[7:0]
00
gradient vertical step, in lines
Table 25: Pattern Generator Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com