Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 20 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 16Page - STMicroelectronics ADE3800SXL Datasheet HTML 17Page - STMicroelectronics ADE3800SXL Datasheet HTML 18Page - STMicroelectronics ADE3800SXL Datasheet HTML 19Page - STMicroelectronics ADE3800SXL Datasheet HTML 20Page - STMicroelectronics ADE3800SXL Datasheet HTML 21Page - STMicroelectronics ADE3800SXL Datasheet HTML 22Page - STMicroelectronics ADE3800SXL Datasheet HTML 23Page - STMicroelectronics ADE3800SXL Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 138 page
background image
Register Description by Block
ADE3800
20/138
4.2
Frequency Synthesizer (FSYN)
The Frequency Synthesizer block generates the output clock, the dot clock and the scaler clock
(SCLK). Frequency modulation, phase control, and pulse extension (duty cycle control) of the
output clock are also provided.
For consistency and ease of use, both clocks are programmed by means of a single-parameter –
the phase rate value derived from the desired frequency.
4.2.1
Dotclock vs Outclock
Dot clock (also known as DOTCLK or DCLK) is an internal clock; there are no associated I2C
registers.
Out clock is the pixel clock that drives the LCD panel:
● When driving 2 pixels per clock, out clock and dot clock are identical
● When driving 1 pixel per clock the out clock frequency is half the dot clock frequency (phase
rate is proportional to clock period which is the inverse of frequency).
Refer to Table 12: Clock Relationship.
GLBL_AZWC_CTRL
000F
R/W
[7:2]
0
Reserved
[1]
0
Auto Zero Window Control and Clamp synchronization
0: Synchronization on INCLK
1: Synchronization on DOTCLK
[0]
0
Reserved
DFT_DEL_REF
0F0B
R
[7:0]
Returns chip speed and gate propagation delay (number of
gates propagation per XCLK period)
a. Refer to OMUX_CTRL0[0] and also to Table 12.
b. Refer to OMUX_CTRL0[0] and also to Table 12.
c. If set, this bit puts the SDA output in push-pull mode (instead of open drain) to achieve higher I²C speed.
d. If reset, the device is put in shutdown mode (lowest possible power consumption) but can only exit from that
mode with an external reset or a power on/off.
Table 10: FSYN Frequency Synthesizer Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Rst
Description
FSYN_CTRL
0850
R/W
[0]
00
frequency modulation
0*: off
1: on
FSYN_PR_OTCLK_0
FSYN_PR_OTCLK_1
FSYN_PR_OTCLK_2
0851
0852
0853
R/W
R/W
R/W
[7:0]
[7:0]
[5:0]
00
00
00
output clock phase rate
= 2^21 * XCLK_FREQ / OUT_CLK_FREQ
FSYN_OFFSET
0854
R/W
[7:0]
00
RSDS clock-data skewcontrol (no meaning in LVDS)
LSB = 289ps
Table 9: Global Control Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com