Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 41 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 37Page - STMicroelectronics ADE3800SXL Datasheet HTML 38Page - STMicroelectronics ADE3800SXL Datasheet HTML 39Page - STMicroelectronics ADE3800SXL Datasheet HTML 40Page - STMicroelectronics ADE3800SXL Datasheet HTML 41Page - STMicroelectronics ADE3800SXL Datasheet HTML 42Page - STMicroelectronics ADE3800SXL Datasheet HTML 43Page - STMicroelectronics ADE3800SXL Datasheet HTML 44Page - STMicroelectronics ADE3800SXL Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
41/138
ADE3800
Register Description by Block
SMEAS_STATUS_MASKa
0119
R/W
[7]
00
Enable mute function to respond to
SMEAS_STATUS_RANGE[6] (hpol).
R/W
[6]
Enable mute function to respond to
SMEAS_STATUS_RANGE[5] (vpol).
R/W
[4]
Enable mute function to respond to
SMEAS_STATUS_RANGE[4] (fastmute).
R/W
[3]
Enable mute function to respond to
SMEAS_STATUS_RANGE[3] (xpervhi).
R/W
[2]
Enable mute function to respond to
SMEAS_STATUS_RANGE[2] (hperv).
R/W
[1]
Enable mute function to respond to
SMEAS_STATUS_RANGE[1] (xperh).
R/W
[0]
Enable mute function to respond to
SMEAS_STATUS_RANGE[0] (xperv).
SMEAS_H_NUM_LINES
011A
R/W
[7:0]
00
Number of lines to measure for Horizontal period per Xclks,
actual value = programmed value +1. Range 1 – 256.
Provides for a more accurate measurement.
SMEAS_H_SKIP_L
SMEAS_H_SKIP_U
011B
011C
R/W
R/W
[7:0]
[3:0]
00
00
Number of horizontal reference edges to skip from selected
vertical reference edge before starting horizontal
measurement.
SMEAS_HV_SKEWb
011D
R
[7:0]
Returns the minimum number of xclks between edges of the
selected hsync and vsync. Does not care about polarity.
Free running, updates once per frame.
SMEAS_XK_HTOL_EXP
012C
R/W
[3:0]
00
Horizontal tolerance value. +/- 2^n xclks, n=[0..15]
SMEAS_XK_VTOL_EXP
012D
R/W
[3:0]
00
Vertical tolerance value. +/- 2^n xclks, xk_v_high counter use
this tolerance value as well. n=[0..15]
SMEAS_HSYNC_VTOL
012E
R/W
[3:0]
00
Horizontal per Vertical tolerance value.
+/-n H(rising,falling) per V(rising,falling)
SMEAS_FASTMU_CTRL
0130
R/W
[6:5]
00
fastmute coast
0*: llk coast (normal)
1: inverted venab
2, 3: no coast (always active)
R/W
[2:1]
error count
0*: first error sets fastmute flag
1: two errors in a row needed to set fastmute
2: three errors in a row needed to set fastmute
3: reserved
R/W
[0]
fastmute enable
SMEAS_POL
0131
R
[1]
Horizontal polarity
0: active low (-), 1 = active high (+)
R
[0]
Vertical polarity
0: active low (-), 1 = active high (+)
SMEAS_FASTMU_TOL
0134
R/W
[3:0]
00
Tolerance for fast mute check +/-n xclks, n=[0..15]
Table 17: SMEAS Register Definitions (Sheet 4 of 6)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com