Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 57 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 53Page - STMicroelectronics ADE3800SXL Datasheet HTML 54Page - STMicroelectronics ADE3800SXL Datasheet HTML 55Page - STMicroelectronics ADE3800SXL Datasheet HTML 56Page - STMicroelectronics ADE3800SXL Datasheet HTML 57Page - STMicroelectronics ADE3800SXL Datasheet HTML 58Page - STMicroelectronics ADE3800SXL Datasheet HTML 59Page - STMicroelectronics ADE3800SXL Datasheet HTML 60Page - STMicroelectronics ADE3800SXL Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 138 page
background image
57/138
ADE3800
Register Description by Block
1
SCLK_FREQ is greater than the max of DCLK_FREQ and (IN_HPIXEL x DCLK_FREQ) /
DEST_HPIXEL;
2
SCLK_FREQ < 140 MHz
3
SCL_LINE_START > 0; and
4
SCL_PIPE_RATE <= 4096
The frame synchronization between input and output can be fine tuned using the line buffer pointer
crossing feedback registers, SCL_PTR_PRE and SCL_PTR_POST. By adjusting the
SCL_TRIGGER_DLY, pointer crossing can be eliminated.
4.10.2 Context Description
The context function allows the scaler to mix the output of three filters (sharp, normal kernel and
smooth) on a per pixel basis depending on the local contrast in a 3Vx4H area. The sharpening
suppresses ringing / overshoots.
Those 3 kernels: Smooth, User (defined with H and V kernel coefficients) and Sharp run in parallel
and can be blended together to finally generate a panel pixel.
If Context is disabled, only User Kernel is used.
If Context is enabled, then the blending of the 3 kernels follows the diagram below. The horizontal
axis is the context:
● Context 0 = All neighbour pixels (3x3) have almost same RGB values (greyscale).
● Context F = All neighbour pixels (3x3) have very different RGB values (1x1 Black and White
checker pattern).
Context is used along with I2C programmable coefficients to make the kernel blending ratio, as the
drawing below shows.
Refer to the context mixing equations for more details. The vertical axis has 63 steps. (63 = 100%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com