Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 24 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 20Page - STMicroelectronics ADE3800SXL Datasheet HTML 21Page - STMicroelectronics ADE3800SXL Datasheet HTML 22Page - STMicroelectronics ADE3800SXL Datasheet HTML 23Page - STMicroelectronics ADE3800SXL Datasheet HTML 24Page - STMicroelectronics ADE3800SXL Datasheet HTML 25Page - STMicroelectronics ADE3800SXL Datasheet HTML 26Page - STMicroelectronics ADE3800SXL Datasheet HTML 27Page - STMicroelectronics ADE3800SXL Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 138 page
background image
Register Description by Block
ADE3800
24/138
The ideal ADC clamp signal would be greater than 1us wide and placed precisely between the SOG
pulse and video data. Any overlap or misalignment will alter the Green offset level internally and
comparators may lose track of SOG signal.
Level Adjustment
All 3 comparator thresholds and clamp voltage are moved up or down together by changing
registers. These cannot be individually adjusted.
● To shift up:
— Set ANA_ADC_SOG_1[7:4] = 0F
— Adjust ANA_ADC_SOG_0[4:0] to a higher value. (The default is 0, ~8.8mV per increment.)
● To shift down:
— Set ANA_ADC_SOG_0[4:0] = 0b00000
— Adjust ANA_ADC_SOG_1[7:4] to a lower value. (The default is 0F, ~10mV per decrement; a
value of 00 is invalid.)
To power down SOG, set ANA_ADC_SOG_1[0] = 1.
Note:
The SMEAS block can still detect SOG activity while the ADC is powered down.
There are three SOG analog voltage comparators that generate the SOG0, SOG1, and SOG2
digital signals. These signals are then sent to the LLK, SRT, SMEAS, and SMUX blocks.
For SOG support the SMEAS block has:
● Three 8-bit edge counters (used to detect activity)
● Four 4-bit delay counters (used to tune the comparator reference voltages)
Figure 5: SOG Lock Phase
SOG output waveform has the same polarity as input
ADCSOG1[0] = 0 (pwdnSOG)
ADCSOG1[3] (enSOG) = ADCGRN2[1] = 0
Clamp Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com