Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 17 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 13Page - STMicroelectronics ADE3800SXL Datasheet HTML 14Page - STMicroelectronics ADE3800SXL Datasheet HTML 15Page - STMicroelectronics ADE3800SXL Datasheet HTML 16Page - STMicroelectronics ADE3800SXL Datasheet HTML 17Page - STMicroelectronics ADE3800SXL Datasheet HTML 18Page - STMicroelectronics ADE3800SXL Datasheet HTML 19Page - STMicroelectronics ADE3800SXL Datasheet HTML 20Page - STMicroelectronics ADE3800SXL Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
17/138
ADE3800
Pin Descriptions
89
116
OVDD18
Output Multiplexer 1.8V Supply
91
OVDD18
Output Multiplexer 1.8V Supply
89
VRL
LVDS/RSDS reference voltage. Connect to external capacitor to ground
90
VRH
LVDS/RSDS reference voltage. Connect to external capacitor to ground
100
127
OVDD18
Output Multiplexer 1.8V Supply
1
128
PLLVDD18
Output PLL 1.8V Supply
Table 8: Output Section Power Supply Pins (Sheet 2 of 2)
LQFP100 LQFP128
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com