Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 78 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 74Page - STMicroelectronics ADE3800SXL Datasheet HTML 75Page - STMicroelectronics ADE3800SXL Datasheet HTML 76Page - STMicroelectronics ADE3800SXL Datasheet HTML 77Page - STMicroelectronics ADE3800SXL Datasheet HTML 78Page - STMicroelectronics ADE3800SXL Datasheet HTML 79Page - STMicroelectronics ADE3800SXL Datasheet HTML 80Page - STMicroelectronics ADE3800SXL Datasheet HTML 81Page - STMicroelectronics ADE3800SXL Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 138 page
background image
Register Description by Block
ADE3800
78/138
Note:
All Row Attributes are assigned as shown:
Note:
Character Attributes for Row Type 0 are assigned as shown:
Note:
Character Attributes for Row Type 1 are assigned as shown:
Note:
Character Attributes for Row Type 2 are assigned as shown:
4.14.2 Color LUT Calculation
Color pointers in the CLUT [5:0], where:
PI = 4-bit Palette Index (RT0/RT1 have 1--bit PI; RT2 has 4bit PI) ;
P1, P2, P3, P4 = 5-bit programmable pointers, clut_1bpp, clut_2bpp, clut_3bpp, clut_4bpp,
respectively;
PixelData = 2-bit, 3-bit or 4-bit value depending on the character depth 2bpp, 3bpp or 4bpp,
respectively;
C = 4-bit background/foreground color (used only for 1bpp characters);
tcon = OSD_CTRL0[1] * tcon_window where tcon_window is a signal from the TCON block specifying the
window to be highlighted.
4.14.3 Alpha Blending
4-bit Alpha is applied to the OSD providing 16 levels (6.25% steps) of blending.
Alpha = 0F:no blending at all (100% OSD data).
Alpha = 00:full blending (100% input video).
The OSD region has a 4-bit global alpha and each RGB has a 4-bit color alpha.
YPOS[23:12]
XPOS[11:0]
FG[23:20]
BG[19:16]
CD1[15:14]
CD0[13:12]
HVF[11:10]
PI[9]
CR[8:2]
TR[1:0]
CID[7:0]
PI[11]
CD[10]
HF[9]
VF[8]
CID[7:0]
PI[15:12]
CD[11:10]
HF[9]
VF[8]
CID[7:0]
RowType0
RowType1
RowType2
1bpp
(tcon*OSD_CTRL0[2]*32 +
!tcon*32*PI + P1 + BC) % 64
(tcon*OSD_CTRL0[2]*32 +
!tcon*32*PI + P1 + BC) % 64
(tcon*OSD_CTRL0[2]*(8 + PI%8)*4 +
!tcon*4*PI + P1 + BC) % 64
2bpp
(tcon*OSD_CTRL0[2]*32 +
!tcon*32*PI + P2 + PixelData) % 64
(tcon*OSD_CTRL0[2]*32 +
!tcon*32*PI + P2 + PixelData) % 64
(tcon*OSD_CTRL0[2]*(8 + PI%8)*4 +
!tcon*4*PI + P2 + PixelData) % 64
3bpp
(tcon*OSD_CTRL0[2]*32 +
!tcon*32*PI + P3 + PixelData) % 64
(tcon*OSD_CTRL0[2]*32 +
!tcon*32*PI + P3 + PixelData) % 64
(tcon*OSD_CTRL0[2]*(8 + PI%8)*4 +
!tcon*4*PI + P3 + PixelData) % 64
4bpp
(tcon*OSD_CTRL0[2]*32 +
!tcon*32*PI + P4 + PixelData) % 64
(tcon*OSD_CTRL0[2]*32 +
!tcon*32*PI + P4 + PixelData) % 64
(tcon*OSD_CTRL0[2]*(8 + PI%8)*4 +
!tcon*4*PI + P4 + PixelData) % 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com