Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 55 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 51Page - STMicroelectronics ADE3800SXL Datasheet HTML 52Page - STMicroelectronics ADE3800SXL Datasheet HTML 53Page - STMicroelectronics ADE3800SXL Datasheet HTML 54Page - STMicroelectronics ADE3800SXL Datasheet HTML 55Page - STMicroelectronics ADE3800SXL Datasheet HTML 56Page - STMicroelectronics ADE3800SXL Datasheet HTML 57Page - STMicroelectronics ADE3800SXL Datasheet HTML 58Page - STMicroelectronics ADE3800SXL Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
55/138
ADE3800
Register Description by Block
SCL_H_KERNEL_0
0A10
R/W
[7:0]
00
Horizontal filter kernel
2’s complement, signed numbers ranging from –2 to +1
63/64
SCL_H_KERNEL_1
0A11
R/W
[7:0]
00
SCL_H_KERNEL_2
0A12
R/W
[7:0]
00
SCL_H_KERNEL_3
0A13
R/W
[7:0]
00
SCL_H_KERNEL_4
0A14
R/W
[7:0]
00
SCL_H_KERNEL_5
0A15
R/W
[7:0]
00
SCL_H_KERNEL_6
0A16
R/W
[7:0]
00
SCL_H_KERNEL_7
0A17
R/W
[7:0]
00
SCL_H_KERNEL_8
0A18
R/W
[7:0]
00
SCL_H_KERNEL_NORM
0A19
R/W
[7:0]
40
2’s complement, signed number used to normalize the H
filter kernel (usually 64)
SCL_V_KERNEL_0
0A1A
R/W
[7:0]
00
Vertical filter kernel
2’s complement, signed numbers ranging from –2 to +1
63/64
Has a ½ line shift compared to hkernel and must be
programmed to a 2 line kernel when in_hpixel > 1024.
SCL_V_KERNEL_1
0A1B
R/W
[7:0]
00
SCL_V_KERNEL_2
0A1C
R/W
[7:0]
00
SCL_V_KERNEL_3
0A1D
R/W
[7:0]
00
SCL_V_KERNEL_4
0A1E
R/W
[7:0]
00
SCL_V_KERNEL_NORM
0A1F
R/W
[7:0]
40
2’s complement, signed number used to normalize the V
filter kernels (usually 64)
SCL_BGCOLOR_B
0A20
R/W
[7:0]
00
Blue component of background color, refer to Figure 21
SCL_BGCOLOR_G
0A21
R/W
[7:0]
00
Green component of background color, refer to Figure 21
SCL_BGCOLOR_R
0A22
R/W
[7:0]
00
Red component of background color, refer to Figure 21
SCL_BGCOLOR_CTRL
0A23
R/W
[7]
00
1: force background color
R/W
[4]
Mute color select:
0*: black
1: use background color
when SMEAS_STATUS_RANGE[7] is high
R/W
[3:2]
0*: line replicate 1
1: line replicate 2
2: line replicate 3
3: vertical border blend
R/W
[1:0]
0*: pixel replicate 1
1: pixel replicate 2
2: pixel replicate 3
3: horizontal border blend
SCL_PTR_PRE_L
SCL_PTR_PRE_U
0A24
0A25
R
R
[7:0]
[3:0]
00
00
The minimum difference of the write pointer and the first
of three read pointers; updated every frame
LSB = 4 pixels
Not valid when SCL_CONTROL[3] = 1
Table 23: Scale Registers (Sheet 2 of 3)
Register Name
Addr
R/W
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com