Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 96 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 92Page - STMicroelectronics ADE3800SXL Datasheet HTML 93Page - STMicroelectronics ADE3800SXL Datasheet HTML 94Page - STMicroelectronics ADE3800SXL Datasheet HTML 95Page - STMicroelectronics ADE3800SXL Datasheet HTML 96Page - STMicroelectronics ADE3800SXL Datasheet HTML 97Page - STMicroelectronics ADE3800SXL Datasheet HTML 98Page - STMicroelectronics ADE3800SXL Datasheet HTML 99Page - STMicroelectronics ADE3800SXL Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 138 page
background image
Register Description by Block
ADE3800
96/138
The omux architecture consists of 2 main blocks as shown in Figure 19.
OMUX_CTRL7
0C37
R/W
[7]
00
1: invert RSDS clock 1 (RSDS data pair
12)
R/W
[6]
0*: normal LVDS PLL clock if LVDS
mode (normal)
1: invert LVDS PLL clock if LVDS mode,
or invert RSDS clock 0 (RSDS data pair
21) if RSDS mode
R/W
[4]
1: invert LVDS output DE
R/W
[1]
[0]
TCON remapped to PWM
TCON[1] = pwm_a enable
TCON[0] = pwm_b enable
OMUX_HALF_LINE_L
OMUX_HALF_LINE_U
0C38
0C39
R/W
R/W
[7:0]
[3:0]
00
00
RSDS split buffer half line address =
out_hpixel/2.
out_hpixel has to be multiples of 4.
E.g. for SXGA panel (1280) the value is
640
OMUX_TEST
0C3A
R/W
[1]
00
1: enable RSDS debug mode
R/W
[0]
1: enable LVDS debug mode
Table 34: OMUX_CTRL Output Modes
OUTPUT MODE
OMUX_CTRL1 [0]
OMUX_CTRL3 [0]
idle
0
0
LVDS mode
1
0
RVDS mode
0
1
Figure 19: OMUX Architecture
Table 33: OMUX Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com