Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 19 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 15Page - STMicroelectronics ADE3800SXL Datasheet HTML 16Page - STMicroelectronics ADE3800SXL Datasheet HTML 17Page - STMicroelectronics ADE3800SXL Datasheet HTML 18Page - STMicroelectronics ADE3800SXL Datasheet HTML 19Page - STMicroelectronics ADE3800SXL Datasheet HTML 20Page - STMicroelectronics ADE3800SXL Datasheet HTML 21Page - STMicroelectronics ADE3800SXL Datasheet HTML 22Page - STMicroelectronics ADE3800SXL Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
19/138
ADE3800
Register Description by Block
GLBL_CLK_INV
0003
R/W
[4]
00
AFE_CLK_INV: invert ADC sample clock
[3]
OUTCLK_INV: invert output clock
[2]
SCLK_INV: invert SCLK
[1]
DOTCLK_INV: invert DOTCLK
[0]
INCLK_INV: invert INCLK
GLBL_CLK_ENAB_0
0004
R/W
[7]
FF
DOTCLK_FLK_EN: enable DOTCLK to the FLK block
[6]
DOTCLK_OSD_EN: enable DOTCLK to the OSD block
[5]
DOTCLK_PGEN_EN: enable DOTCLK to the PGEN block
[4]
DOTCLK_EN: enable DOTCLK upstream of FLK, OSD, and
PGEN enable
[3]
INCLK_DFT_EN: enable INCLK to DFT test circuits
[2]
INCLK_DMEAS_EN: enable INCLK to DMEAS block
[1]
INCLK_EN: enable INCLK upstream of DMEAS and DFT
enable
[0]
ALL_VIDEO_CLK_EN: override block enable (FLK, OSD,
PGEN, DFT, DMEAS) for test
GLBL_CLK_ENAB_1
0005
R/W
[1]
03
OUTCLK_EN: enable output clock
[0]
SCLK_EN: enable scaler clock
GLBL_SRST_0
0006
R/W
[7]
00
TCON_SRST: reset the TCON block
[6]
SCL_SRST: reset the SCALER block
[5]
SMUX_SRST: reset the SMUX block
[4]
DMEAS_SRST: reset the DMEAS block
[3]
SMEAS_SRST: reset the SMEAS block
[2]
SRT_SRST: reset the SRT block
[1]
ADTH_SRST: reset the ADTH block
[0]
ADC_SRST: reset the digital logic in the ADC block
GLBL_SRST_1
0007
R/W
[7]
00
DFT_SRST: reset DFT (test) circuits
[6]
OMUX_SRST: reset the OMUX block
[5]
APC_SRST: reset the APC block
[3]
OSD_SRST: reset the OSD block
[1]
PGEN_SRST: reset the PGEN block
[0]
OSQ_SRST: reset the OSQ portion of the SCALER block
GLBL_I2C_CTRL
0008
R/W
[2]
00
I2C_AUTO_INC_OFF: disable I2C autoincrement
[1]
I2C_SDA_PMOS_ON: SDA PMOS enable c
[0]
BYPASS_I2C_FILTER: bypass antiglitch filter
GLBL_BPAD_EN
0009
R/W
[7:0]
03
Reserved
GLBL_COMP_CTRL
000A
R/W
[0]
01
COMPEN_EN: enable slew-rate compensation
GLBL_XTAL_CTRL
000B
R/W
[0]
01
I2C_MUXA_XTAL_EN: enable the crystal oscillator d
GLBL_TST_CTRL
000C
R/W
[7:0]
00
Reserved
Table 9: Global Control Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com