Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 25 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 21Page - STMicroelectronics ADE3800SXL Datasheet HTML 22Page - STMicroelectronics ADE3800SXL Datasheet HTML 23Page - STMicroelectronics ADE3800SXL Datasheet HTML 24Page - STMicroelectronics ADE3800SXL Datasheet HTML 25Page - STMicroelectronics ADE3800SXL Datasheet HTML 26Page - STMicroelectronics ADE3800SXL Datasheet HTML 27Page - STMicroelectronics ADE3800SXL Datasheet HTML 28Page - STMicroelectronics ADE3800SXL Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 138 page
background image
25/138
ADE3800
Register Description by Block
The 4 delay counters measure the time (in XCLKs) between the leading and trail edges of the SOG
signals, as follows:
d1: delay count from SOG[2] falling edge to SOG[1] falling edge
d2: delay count from SOG[1] falling edge to SOG[0] falling edge
d3: delay count from SOG[0] rising edge to SOG[1] rising edge
d4: delay count from SOG[1] rising edge to SOG[2] rising edge
If there is no leading edge for a particular delay counter, the result is 0.
If both edges are within the same XCLK period, the result is 1.
When the counter reaches a value of 0F, it stops.
The delay and activity registers are used together to tune the SOG sampling level.
The delay measurements are controlled by the activity detection control registers which may be
used to select either:
● One-shot: one sync pulse measurement; when done, hold result until next measurement is
started; or
● Free-run: continuously measures, results are dynamically updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com