Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 101 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 97Page - STMicroelectronics ADE3800SXL Datasheet HTML 98Page - STMicroelectronics ADE3800SXL Datasheet HTML 99Page - STMicroelectronics ADE3800SXL Datasheet HTML 100Page - STMicroelectronics ADE3800SXL Datasheet HTML 101Page - STMicroelectronics ADE3800SXL Datasheet HTML 102Page - STMicroelectronics ADE3800SXL Datasheet HTML 103Page - STMicroelectronics ADE3800SXL Datasheet HTML 104Page - STMicroelectronics ADE3800SXL Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 138 page
background image
101/138
ADE3800
Register Description by Block
Debug Mode
If LVDS debug mode is enabled (omux_test[0] = 1), LVDS output data will be set to a static 7-bit
pattern which is programmed in omux_ctrl4[6:0]
If RSDS debug mode is enabled (omux_test[1] = 1), RSDS output data will be set to a static pattern
which is programmed in omux_ctrl4[1:0].
4.17.2 Output Clocks
Output clock (to LVDS PLL) for both functional and test modes is the divide-by-2 clock generated
inside omux. This clock is flopped on the falling edge of fsyn_outclk providing a ¼ phase offset
between clock and data.
RSDS output clocks 0 & 1 are set to fsyn_outclk_div2_dly for both functional and test modes. This
clock has a programmable delay offset from the fsyn_outclk_div2. This is to ensure that data will
meet the setup/hold requirements at the destination (panel.)
The out_enab signal (from the TCON block) must be programmed so that its left (rising) edge is odd
in 2 ppc RSDS mode.
4.17.3 Clock Sources and Timing Considerations
The omux block operates on dotclk with the exception of omux_mux which runs on fsyn_outclk.
Table 2.4 describes the relationship between fsyn_outclk, fsyn_outclk_div2 and dotclk.
70
58
TCON0
pwm_en ?
pwm_b: tcon0
TCON
SIGNALS
pwm_en ?
pwm_b: tcon0
TCON
SIGNALS
pwm_en ?
pwm_b: tcon0
TCON
SIGNALS
71
59
TCON1
pwm_en ?
pwm_a: tcon1
pwm_en ?
pwm_a: tcon1
pwm_en ?
pwm_a: tcon1
72
60
TCON2
tcon2
tcon2
tcon2
73
61
TCON3
tcon3
tcon3
tcon3
74
62
TCON4
tcon4
tcon4
tcon4
75
63
TCON5
tcon5
tcon5
tcon5
76
64
TCON6
tcon6
tcon6
tcon6
77
65
TCON7
tcon7
tcon7
tcon7
Table 36: Clock relationship
1 ppc
2 ppc
fsyn_outclk_freq
2x dotclk_freq
dotclk_freq
dotclk source sel
fsyn_outclk_div2 half
speed
fsyn_outclk full speed
GLBL_CLK_SRC_SEL_0[6:4]
2
3
GLBL_CLK_SRC_SEL_1[6:4]
3
3
FSYN_PR_OTCLK
2^22 * xclk_freq /
dotclk_freq
2^21 * xclk_freq /
dotclk_freq
OUTPUT INTERFACE
PIN #
(LQFP
128)
PIN #
(LQFP
100)
(RSDS
INPUT
NAME) PIN
NAME
OUTPUT MODE
LVDS
RSDS (LQFP-128)
RSDS (LQFP-100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com