Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 121 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 117Page - STMicroelectronics ADE3800SXL Datasheet HTML 118Page - STMicroelectronics ADE3800SXL Datasheet HTML 119Page - STMicroelectronics ADE3800SXL Datasheet HTML 120Page - STMicroelectronics ADE3800SXL Datasheet HTML 121Page - STMicroelectronics ADE3800SXL Datasheet HTML 122Page - STMicroelectronics ADE3800SXL Datasheet HTML 123Page - STMicroelectronics ADE3800SXL Datasheet HTML 124Page - STMicroelectronics ADE3800SXL Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 138 page
background image
121/138
ADE3800
Register Description by Block
It is therefore strongly recommended to wait until the I2CBKT transfer in progress is completed,
before initiating any I2C access other than polling the I2CBKT_STATUS register.
Note:
In case of need, a clean way to stop the current I2CBKT transfer is to write I2CBKT_CTRL[0] to 0.
EXAMPLE
Fill every other byte of the entire OSD_RAM with a byte previously stored at address 4700:
I2CBKT_SRC_L = 00, I2CBKT_SRC_U = 47: start address where the data is located
I2CBKT_SRCLEN_L = 01, I2CBKT_SRCLEN_U = 00: only 1 byte to transfer from source
Table 44: I2C Block Transfer Registers
Register Name
Addr
Bits
Mode
Rst
Description
I2CBKT_INC
0021
[7:0]
R/W
00
destination address increment, 1 to 255 allowed
I2CBKT_SRCLEN_L
0022
[7:0]
R/W
00
length of source block, in bytes.
If source length < destination length, the source data is
repeated
I2CBKT_SRCLEN_U
0023
[7:0]
R/W
00
I2CBKT_DESLEN_L
0024
[7:0]
R/W
00
length of block transfer, in bytes.
Include effect of increment if I2CBKT_CTRL[3:2] = 1
I2CBKT_DESLEN_U
0025
[7:0]
R/W
00
I2CBKT_SRC_L
0026
[7:0]
R/W
00
source starting address
I2CBKT_SRC_U
0027
[7:0]
R/W
00
I2CBKT_DES_L
0028
[7:0]
R/W
00
destination starting address
I2CBKT_DES_U
0029
[7:0]
R/W
00
I2CBKT_CTRL
002A
[6:4]
R/W
00
transfer start condition select (level sensitive)
0*: immediate
1: when in_henab = 0
2: when out_henab = 0
3: when in_venab = 0
4: when out_venab = 0
5: tcon_i2c_transfer = 1 (refer to TCON_CTRL[3:2])
[3:2]
R/W
increment mode
0*: source + 1, dest + 1
1: source + 1, dest + inc (as set in I2CBKT_INC)
2: reserved
3: reserved
[1]
R/W
0*: one way transfer from source to destination
1: swap source and destination
[0]
R/W
0*: end of transfer, or stop transfer in progress
1: start transfer according to condition bits [6:4]
Must be set and cleared by software
I2CBKT_PULSE
002B
[7:4]
R/W
31
read pulse width (reserved)
[3:0]
R/W
write pulse width (reserved)
I2CBKT_STATUS
002C
[0]
R
00
Transfer status
0*: block transfer completed
1: block transfer in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com