Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800SXL Datasheet(PDF) 127 Page - STMicroelectronics

Part # ADE3800SXL
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800SXL Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ADE3800SXL Datasheet HTML 123Page - STMicroelectronics ADE3800SXL Datasheet HTML 124Page - STMicroelectronics ADE3800SXL Datasheet HTML 125Page - STMicroelectronics ADE3800SXL Datasheet HTML 126Page - STMicroelectronics ADE3800SXL Datasheet HTML 127Page - STMicroelectronics ADE3800SXL Datasheet HTML 128Page - STMicroelectronics ADE3800SXL Datasheet HTML 129Page - STMicroelectronics ADE3800SXL Datasheet HTML 130Page - STMicroelectronics ADE3800SXL Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 138 page
background image
127/138
ADE3800
Electrical Specifications
5.4.4
LVTTL 3-Volt Tolerant I/O
XCLK
5.4.5
LVTTL 3-Volt Tolerant I/O
TCON [7:0]
5.5
LVDS Outputs
OUT [7:0], OUT [7:0]b, OUTCLK [1:0], OUTCLK [1:0]b
5.6
RSDS Outputs
RSDS [7:0], RSDS [7:0]b, OUT [7:0], OUT [7:0]b, OUTCLK [1:0], OUTCLK [1:0]b,
RSDS [15:8], RSDS [15:8]b
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
VOH
High Level Output Voltage
3.15
V
VOL
Low Level Output Voltage
0.15
V
IOUT
Output Current
8mA
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
2.0
V
VIL
Low Level Input Voltage
0.8
V
VOH
High Level Output Voltage
3.15
V
VOL
Low Level Output Voltage
0.15
V
IOUT
Output Current
2mA
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VLVDS-DIFF
LVDS Differential Output Voltages
RL=100 ohm
250
345
450
mV
VLVDS-CM
LVDS Common Mode Output Voltage
RL=100 ohm
1.125
1.25
1.375
V
∆LVDS-DIFF
Change in VLVDS-DIFF between complimentary output
states
RL=100 ohm
35
mV
∆LVDS-CM
Change in VLVDS-CM between complimentary output
states
RL=100 ohm
35
mV
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VRSDS-DIFF
RSDS Differential Output
Voltage
RSDS mode
100
200
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com