Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 2Page - STMicroelectronics STLS2F02 Datasheet HTML 3Page - STMicroelectronics STLS2F02 Datasheet HTML 4Page - STMicroelectronics STLS2F02 Datasheet HTML 5Page - STMicroelectronics STLS2F02 Datasheet HTML 6Page - STMicroelectronics STLS2F02 Datasheet HTML 7Page - STMicroelectronics STLS2F02 Datasheet HTML 8Page - STMicroelectronics STLS2F02 Datasheet HTML 9Page - STMicroelectronics STLS2F02 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Introduction
STLS2F02
6/49
1
Introduction
STLS processors are based on the Loongson CPU architecture licensed by
STMicroelectronics from the Institute of Computing Technology (ICT), which is part of the
Chinese Academy of Science. The STLS family contains 64-bit high-end processors for
applications requiring high levels of performance and efficiency in terms of cost, power
consumption and area.
The Loongson CPU architecture is compatible in user mode at the MIPSIII level of the
MIPS64-bit architecture.
This microprocessor achieves a leading position in the MIPS family for its combination of
multiple features, including high clock frequency, out-of-order superscalar execution and
ability to run single-instruction-multiple data (SIMD).
STLS processors implement a superscalar, out-of-order execution pipeline with dynamic
branch prediction and non-blocking cache.
Figure 1.
Block diagram
L2 cache
DDR2
333MHz DDR
Controller
Cache Interface
Writeback
Queue
Miss
Queue
Refill Bus
Branch Bus
BTB
BHT
BRQ
Fix
RS
Float
RS
Integer
Register
File
Floating
Point
Register
File
Map Bus
ROQ
ALU1
ALU2
AGU
FPU1
TLB
CP0
Queue
D-Cache
64KB
FPU2
ITLB
I-Cache
64KB
Commit Bus
Writeback Bus
Reorder Queue
AXI Crossbar
133MHz PCIX
Local IO GPIO, INT
IO Controller
AC00117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com