Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 11Page - STMicroelectronics STLS2F02 Datasheet HTML 12Page - STMicroelectronics STLS2F02 Datasheet HTML 13Page - STMicroelectronics STLS2F02 Datasheet HTML 14Page - STMicroelectronics STLS2F02 Datasheet HTML 15Page - STMicroelectronics STLS2F02 Datasheet HTML 16Page - STMicroelectronics STLS2F02 Datasheet HTML 17Page - STMicroelectronics STLS2F02 Datasheet HTML 18Page - STMicroelectronics STLS2F02 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
STLS2F02
Interface description
15/49
Table 10.
DDR internal/external frequency division factor
CLKSEL[9:5]
Multi.
factor
Input frequency
range (MHz)
CLKSEL[9:5]
Multi.
factor
Input frequency
range (MHz)
11000
1.125
88.9~177.8
10100
3.25
61.5~123.1
11001
1.25
80.0~160.0
10101
3.5
57.1~114.3
11010
1.375
72.7~145.5
10110
3.75
53.3~106.7
11011
1.5
66.7~133.3
10111
4
50.0~100.0
11100
1.625
61.5~123.1
01000
4.5
88.9~177.8
11101
1.75
57.1~114.3
01001
5
80.0~160.0
11110
1.875
53.3~106.7
01010
5.5
72.7~145.5
11111
2
50.0~100.0
01011
6
66.7~133.3
10000
2.25
88.9~177.8
01100
6.5
61.5~123.1
10001
2.5
80.0~160.0
01101
7
57.1~114.3
10010
2.75
72.7~145.5
01110
7.5
53.3~106.7
10011
3
66.7~133.3
01111
8
50.0~100.0
--
-
00xxx
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com