Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 22Page - STMicroelectronics STLS2F02 Datasheet HTML 23Page - STMicroelectronics STLS2F02 Datasheet HTML 24Page - STMicroelectronics STLS2F02 Datasheet HTML 25Page - STMicroelectronics STLS2F02 Datasheet HTML 26Page - STMicroelectronics STLS2F02 Datasheet HTML 27Page - STMicroelectronics STLS2F02 Datasheet HTML 28Page - STMicroelectronics STLS2F02 Datasheet HTML 29Page - STMicroelectronics STLS2F02 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
DDR2 SDRAM controller interface description
STLS2F02
26/49
CONF_CTL_02[31:0] Offset: 0x20
DDR2 667:0x00000000
NO_CMD_INIT
24:24
0x0
0x0-0x1
Disable DRAM cmds until TDLL has
expired during initialization.
INTRPTWRITENA
16:16
0x0
0x0-0x1
Allow the controller to interrupt a
combined write cmd with auto pre-
charge with another write cmd.
INTRPTREADA
8:8
0x0
0x0-0x1
Allow the controller to interrupt a
combined read with auto pre-charge
cmd with another read cmd.
INTRPTAPBURST
0:0
0x0
0x0-0x1
Allow the controller to interrupt an auto
pre-charge cmd with another cmd.
CONF_CTL_02[63:32]
Offset: 0x20
DDR2 667:0x01000101
PRIORITY_EN
56:56
0x0
0x0-0x1
Enable priority for cmd queue
placement logic.
POWER_DOWN
48:48
0x0
0x0-0x1
Disable clock enable and set DRAMs in
power-down state.
PLACEMENT_EN
40:40
0x0
0x0-0x1
Enable placement logic for cmd queue.
ODT_ADD_TURN_CLK_EN
32:32
0x0
0x0-0x1
Enable extra turn-around clock
between back-to-back reads/writes to
different chip selects.
CONF_CTL_03[31:0]
Offset: 0x30
DDR2 667:0x01000000
RW_SAME_EN
24:24
0x0
0x0-0x1
Enable read/write grouping for cmd
queue placement logic.
REG_DIMM_EN
16:16
0x0
0x0-0x1
Enable registered DIMM operation of
the controller.
REDUC
8:8
0x0
0x0-0x1
Enable the half datapath (32-bit)
feature of the controller.
PWRUP_SREFRESH_EXIT
0:0
0x0
0x0-0x1
Powerup via self-refresh instead of full
memory initialization.
CONF_CTL_03[63:32]
Offset: 0x30
DDR2 667:0x01010000
SWAP_PORT_RW_SAME_EN
56:56
0x0
0x0-0x1
Enable command swapping logic
between commands of the same type
from the same port in execution unit.
SWAP_EN
48:48
0x0
0x0-0x1
Enable command swapping logic in
execution unit.
START
40:40
0x0
0x0-0x1
Initiate cmd processing in the
controller.
SREFRESH
32:32
0x0
0x0-0x1
Place DRAMs in self-refresh mode.
CONF_CTL_04[31:0]
Offset: 0x40
DDR2 667:0x00010101
WRITE_MODEREG
24:24
0x0
0x0-0x1
Write EMRS data to the DRAMs.
WRITE-ONLY
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com