Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 27Page - STMicroelectronics STLS2F02 Datasheet HTML 28Page - STMicroelectronics STLS2F02 Datasheet HTML 29Page - STMicroelectronics STLS2F02 Datasheet HTML 30Page - STMicroelectronics STLS2F02 Datasheet HTML 31Page - STMicroelectronics STLS2F02 Datasheet HTML 32Page - STMicroelectronics STLS2F02 Datasheet HTML 33Page - STMicroelectronics STLS2F02 Datasheet HTML 34Page - STMicroelectronics STLS2F02 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
STLS2F02
DDR2 SDRAM controller interface description
31/49
DLL_DQS_DELAY_7
38:32
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 7 during reads.
CONF_CTL_12[31:0]
Offset: 0xC0
DDR2 667:0x0E000000
TRAS_MIN
31:24
0x0
0x0-0xFF
DRAM TRAS_MIN parameter in cycles.
OUT_OF_RANGE_LENGTH
23:16
0x0
0x0-0xFF
Length f cmd that caused an Out-of-
Range interrupt. READ-ONLY
ECC_U_SYND
15:8
0x0
0x0-0xFF
Syndrome for uncorrectable ECC
event. READ-ONLY
ECC_C_SYND
7:0
0x0
0x0-0xFF
Syndrome for correctable ECC event.
READ-ONLY
CONF_CTL_12[63:32]
Offset: 0xC0
DDR2 667:0x002A3305
DLL_DQS_DELAY_BYPASS_0
56:48
0x0
0x0-0x1FF
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 0 during reads when
DLL is being bypassed.
TRFC
47:40
0x0
0x0-0xFF
DRAM TRFC parameter in cycles.
TRCD_INT
39:32
0x0
0x0-0xFF
DRAM TRCD parameter in cycles.
CONF_CTL_13[31:0]
Offset: 0xD0
DDR2 667:0x002A002A
DLL_DQS_DELAY_BYPASS_2
24:16
0x0
0x0-0x1
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 2 during reads when
DLL is being bypassed.
DLL_DQS_DELAY_BYPASS_1
8:0
0x0
0x0-0x1
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 1 during reads when
DLL is being bypassed.
CONF_CTL_13[63:32]
Offset: 0xD0
DDR2 667:0x002A002A
DLL_DQS_DELAY_BYPASS_4
56:48
0x0
0x0-0x1FF
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 4 during reads when
DLL is being bypassed.
DLL_DQS_DELAY_BYPASS_3
40:32
0x0
0x0-0x1FF
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 3 during reads when
DLL is being bypassed.
CONF_CTL_14[31:0]
Offset: 0xE0
DDR2 667:0x002A002A
DLL_DQS_DELAY_BYPASS_6
24:16
0x0
0x0-0x1FF
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 6 during reads when
DLL is being bypassed.
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com