Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 40Page - STMicroelectronics STLS2F02 Datasheet HTML 41Page - STMicroelectronics STLS2F02 Datasheet HTML 42Page - STMicroelectronics STLS2F02 Datasheet HTML 43Page - STMicroelectronics STLS2F02 Datasheet HTML 44Page - STMicroelectronics STLS2F02 Datasheet HTML 45Page - STMicroelectronics STLS2F02 Datasheet HTML 46Page - STMicroelectronics STLS2F02 Datasheet HTML 47Page - STMicroelectronics STLS2F02 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Pin arrangement and package information
STLS2F02
44/49
8
Pin arrangement and package information
8.1
Pin arrangement
The STLS2F02 processor is packaged in HSFCBGA452. The pin arrangement is shown in
Figure 12: Pin arrangement (left-hand side), and Figure 14: Pin arrangement (right-hand
side),
Figure 12.
Pin arrangement (left-hand side)
gn
gnde
vd
vdd
vdd
gnd
gnde
vdd
gnd
gnde
gnd
gnde
pll_vdd_
dd_1
gpio3
pll
pllio_vdd
dde1v8
pll_gnd_
l_gnd_1
pll_vdde1v8_
vdde1v8_1
pll_gn
_gnde_1
gpio1
pllio_gn
o_gnd
pllllio_vd
o_vdd
pllio_gnd
o_gnde
vdd
pll_gnde_
l_gnde_0
gn
gnde
gn
gnde
9
vdd
gn
gnde
pll_gnd_
_gnd_0
pll_vdde1v8_
vdde1v8_0
J
gn
gnde
pll_vdd_
l_vdd_0
gn
gnde
gn
gnde
K
gn
gnde
L
vdd
M
vdd
vdd
N
vdd
vdd
vdde
dde3v3
P
vdd
vdde
dde3v3
R
vdd
T
vdd
U
gn
gnde
gn
gnde
9
vdd
gnd
gnde
vdd
gnd
gnde
vdd
gnd
gnde
gn
gnde
vdd
vdd
Core and I/O ground balls
Core and I/O ground balls
Core power balls
Core power balls
Color legend
Color legend
PLL power and ground balls
PLL power and ground balls
3.3 V I/O power balls
3.3 V I/O power balls
1
2
3
4
5
6
7
8
9
A
gnde
vdd
TEST_CTRL7
LIO_AD01
LIO_AD04
LIO_AD12
LIO_A3
LIO_A5
LIO_A7
B
vdd
gnde
TEST_CTRL5
TEST_CTRL6
LIO_AD05
LIO_AD08
LIO_A1
LIO_A4
sysclk
C
vdd
TEST_CTRL3
gnde
memclk
SYSRESETN
LIO_AD06
LIO_AD14
LIO_A0
testclk
D
TEST_CTRL0
TEST_CTRL1
TEST_CTRL2
gnde
pllclock1
LIO_AD02
LIO_AD10
LIO_AD09
pllclock0
E
pll_vdd_1
gpio0
gpio2
gpio3
F
pllio_vdde1v8
pll_gnd_1
pll_vdde1v8_1
pll_gnde_1
G
gpio1
pllio_gnd
pllio_vdd
pllio_gnde
H
vdd
pll_gnde_0
gnde
gnde
9
J
vdd
gnde
pll_gnd_0
pll_vdde1v8_0
J
gnde
K
CLKSEL7
pll_vdd_0
gnde
gnde
K
gnde
L
CLKSEL6
CLKSEL5
CLKSEL8
CLKSEL9
L
vdd
M
CLKSEL3
CLKSEL4
CLKSEL0
CLKSEL2
M
vdd
N
vdd
CLKSEL1
PCI_CONFIG7
PCI_CONFIG6
N
vdd
P
vdd
PCI_CONFIG5
PCI_CONFIG4
vdde3v3
P
vdd
R
PCI_CONFIG3
PCI_CONFIG0
PCI_CONFIG1
vdde3v3
R
vdd
T
PCI_CONFIG2
PCI_IDSEL
PCI_AD00
PCI_AD02
T
vdd
U
PCI_AD01
PCI_AD03
PCI_AD05
PCI_AD04
U
gnde
V
PCI_CBEn0
PCI_AD06
PCI_AD07
PCI_AD08
V
gnde
W
PCI_AD10
PCI_AD09
PCI_AD12
PCI_AD14
9
Y
GND
PCI_AD11
PCI_AD13
PCI_CBEn1
AA
PCI_AD15
PCI_PA R
PCI_SERR
PCI_FRAMEn
AB
PCI_PERR
PCI_STOPn
PCI_IRDYn
VDD
AC
PCI_TRDYn
PCI_DEVSELn
vdd
gnde
PCI_AD19
PCI_AD22
PCI_AD28
PCI_AD30
PCI_GNTn5
AD
vdd
PCI_CBEn2
gnde
PCI_AD17
PCI_AD23
PCI_AD24
PCI_AD27
PCI_GNTn6
PCI_REQn5
AE
vdd
gnde
PCI_AD16
PCI_AD18
PCI_AD21
PCI_AD26
PCI_AD31
PCI_REQn6
PCI_GNTn3
AF
gnde
vdd
vdd
PCI_AD20
PCI_CBEn3
PCI_AD25
PCI_AD29
PCI_REQn4
PCI_GNTn4
1
2
3
4
5
6
7
8
9
Core and I/O ground balls
Core power balls
Color legend
PLL power and ground balls
3.3 V I/O power balls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com