Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 28Page - STMicroelectronics STLS2F02 Datasheet HTML 29Page - STMicroelectronics STLS2F02 Datasheet HTML 30Page - STMicroelectronics STLS2F02 Datasheet HTML 31Page - STMicroelectronics STLS2F02 Datasheet HTML 32Page - STMicroelectronics STLS2F02 Datasheet HTML 33Page - STMicroelectronics STLS2F02 Datasheet HTML 34Page - STMicroelectronics STLS2F02 Datasheet HTML 35Page - STMicroelectronics STLS2F02 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
DDR2 SDRAM controller interface description
STLS2F02
32/49
DLL_DQS_DELAY_BYPASS_5
8:0
0x0
0x0-0x1FF
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 7 during reads when
DLL is being bypassed.
CONF_CTL_14[63:32]
Offset: 0xE0
DDR2 667:0x002A002A
DLL_DQS_DELAY_BYPASS_8
56:48
0x0
0x0-0x1FF
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 8 during reads when
DLL is being bypassed.
DLL_DQS_DELAY_BYPASS_7
40:32
0x0
0x0-0x1FF
Number of delay elements to include in
the dqs signal from the DRAMs for
dll_rd_dqs_slice 7 during reads when
DLL is being bypassed.
CONF_CTL_15[31:0]
Offset: 0xF0
DDR2 667:0x00000004
DLL_LOCK
24:16
0x0
0x0-0x1FF
Number of delay elements in master
DLL lock. READ-ONLY
DLL_INCREMENT
8:0
0x0
0x0-0x1FF
Number of elements to add to
DLL_START_POINT when searching
for lock.
CONF_CTL_15[63:32]
Offset: 0xF0
DDR2 667:0x00B4000A
DQS_OUT_SHIFT_BYPASS
56:48
0x0
0x0-0x1FF
Number of delay elements to include in
the write dqs signal to the DRAMs
during writes when DLL is being
bypassed.
DLL_START_POINT
40:32
0x0
0x0-0x1FF
Initial delay count when searching for
lock in master DLL.
CONF_CTL_16[31:0]
Offset: 0x100
DDR2 667:0x00000087
INT_ACK
25:16
0x0
0x0-0x3FF
Clear mask of the INT_STATUS
parameter. WRITE-ONLY
WR_DQS_SHIFT_BYPASS
8:0
0x0
0x0-0x1FF
Number of delay elements to include in
the clk_wr signal in the controller when
DLL is being bypassed.
CONF_CTL_16[63:32]
Offset: 0x100
DDR2 667:0x00000000
INT_STATUS
58:48
0x0
0x0-0x7FF
Status of interrupt features in the
controller. READ-ONLY
INT_MASK
42:32
0x0
0x0-0x7FF
Mask for controller_int signals from the
INT_STATUS parameter.
CONF_CTL_17[31:0]
Offset: 0x110
DDR2 667:0X0000181B
EMRS1_DATA
30:16
0x0
0x0-0x7FF
EMRS1 data.
TREF
13:0
0x0
0x0-0x3FF
DRAM TREF parameter in cycles.
CONF_CTL_17[63:32]
Offset: 0x110
DDR2 667:0x00000000
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com