Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 38Page - STMicroelectronics STLS2F02 Datasheet HTML 39Page - STMicroelectronics STLS2F02 Datasheet HTML 40Page - STMicroelectronics STLS2F02 Datasheet HTML 41Page - STMicroelectronics STLS2F02 Datasheet HTML 42Page - STMicroelectronics STLS2F02 Datasheet HTML 43Page - STMicroelectronics STLS2F02 Datasheet HTML 44Page - STMicroelectronics STLS2F02 Datasheet HTML 45Page - STMicroelectronics STLS2F02 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Thermal characteristics
STLS2F02
42/49
7
Thermal characteristics
7.1
Thermal resistivity
Heat spreader optimized with the following assumptions
●
Ambient temperature 40 °C
●
Package assembled on PCB as per JEDEC EIA/JESD51-9
●
Maximum power 7.45 W
Customer should implement power extraction from the top of the package so that package
case to ambient Rth is below 16 °C/W.
Without air flow, this can be achieved with a 40x40x15 heat spreader or 27x27x25 HS or
35x35x18 HS. This should guarantee 120 °C max junction temperature (low margin).
The preferred configuration is to use a 27x27x10 HS with 0.5m/sec. air flow. A single fan in
PC case should be enough. In such case, max Junction temp should be around 112 °C.
7.2
Reflow temperature to time curve
TheSTLS2F02 processor uses a flip chip eutectic packaging technology. It can endure
maximum reflow temperature ranging from 235 °C to 245 °C. The reflow temperature curve
and parameters are shown in Figure 11 and Table 22.
Figure 11.
Reflow temperature to time curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com