Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 33Page - STMicroelectronics STLS2F02 Datasheet HTML 34Page - STMicroelectronics STLS2F02 Datasheet HTML 35Page - STMicroelectronics STLS2F02 Datasheet HTML 36Page - STMicroelectronics STLS2F02 Datasheet HTML 37Page - STMicroelectronics STLS2F02 Datasheet HTML 38Page - STMicroelectronics STLS2F02 Datasheet HTML 39Page - STMicroelectronics STLS2F02 Datasheet HTML 40Page - STMicroelectronics STLS2F02 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
STLS2F02
Initialization process
37/49
5
Initialization process
The initialization of STLS2F02 is divided into core and interface parts.
When the STLS2F02 PCI interface is configured as main bridge, interface initialization is
finished internally and PCI_RESETn is output signal. When the processor works as a
PCI/PCIX device, PCI_RESETn acts as an input to reset the STLS2F02 PCI interface.
When the processor reset signal SYSRESETn is low, the related clock, test, and initial
signals must be valid.
SYSCLK, MEMCLK, CLKSEL and PCI_CLK must be stable
Initial signal PCI_CONFIG should set to the appropriate value
TEST_CTRL[7:0] are all high
When SYSRESETn is invalid, the processor internal reset logic begins to work to initialize
the chip. The SYSRESETn signal should be valid for at least one clock cycle to ensure that
it is sampled by the reset logic.
The work mode of the PCI bus is determined by the main bridge during the reset period. The
PCI_RESETn output generated by the processor when it works as the main bridge is used
to ensure that all devices working at the same mode. When not in main bridge mode, the
PCI_RESETn input receives the bus configuration.
Figure 10.
Initialization process when in main bridge mode
PCI_CLK
PCICONFIG
PCI_RESETn
MEMCLK
TESTCTRL
SYSRESETn
SYSCLK
64K SYSCLK
1ms
˜



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com