Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 17Page - STMicroelectronics STLS2F02 Datasheet HTML 18Page - STMicroelectronics STLS2F02 Datasheet HTML 19Page - STMicroelectronics STLS2F02 Datasheet HTML 20Page - STMicroelectronics STLS2F02 Datasheet HTML 21Page - STMicroelectronics STLS2F02 Datasheet HTML 22Page - STMicroelectronics STLS2F02 Datasheet HTML 23Page - STMicroelectronics STLS2F02 Datasheet HTML 24Page - STMicroelectronics STLS2F02 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
STLS2F02
DDR2 SDRAM controller interface description
21/49
4
DDR2 SDRAM controller interface description
The STLS2F02 integrates a built-in memory controller compliant with DDR2 SDRAM
standard (JESD79-2B). The STLS2F02 provides JESD79-2B-compliant read/write memory
operations.
4.1
DDR2 SDRAM controller features
The STLS2F01 CPU supports up to 4 physical memories by using two DDR SDRAM chip
select signals, with an 18-bit address bus (15-bit row/column address and 3-bit logic bank
bus). The maximum address space is 128 Gbytes (237 bytes).
This device supports all the JESD79-2B-compatible memory chips. The DDR2 controller
parameters can be set to support specific memory chip type. The maximum number of chip
selection (CS_n) is 2-bit. The maximum width of row address (RAS_n) is 15-bit, and the
maximum width of column address (CAS_n) is 14-bit. And there is 3-bit logic bank bus
(BANK_n).
For example, in the 4 Gbyte address space configuration of 2-bit CS_n, 3-bit BANK_n,
12-bit RAS_n and 12-bit CAS_n, the physical memory address CPU required can be
translated into row/column address as shown in Figure 7: DDR2 SDRAM row/column
address translation.
Figure 7.
DDR2 SDRAM row/column address translation
The built-in memory controller IC receives only memory read/write requests from a
processor or external device. The controller IC is in slave state whenever memory are read
or written.
A dynamic page management policy is implemented on the integrated memory controller.
For one access to memory, the controller selects open page/close page strategies on a
hardware circuit, without software designers’ intervention. The memory controller features:
●
Full pipelining support to command and read/write data of interface
●
Increasing bandwidth by merging and sorting memory command
●
Modify fundamental parameters through the configuration of register read/write ports
●
Built-in delay compensation circuit (DCC), it is used to send/receive data reliably
●
1-bit and 2-bit error detection, 1-bit error correction by error correcting-code (ECC)
●
Frequency: 133 MHz to 333 MHz.
36
32 31
30 29
18 17
15 14
3 2
0
CS_n
RAS_n
BANK_n
CAS_n
Byte_enable
52
12
3
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com