Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 34Page - STMicroelectronics STLS2F02 Datasheet HTML 35Page - STMicroelectronics STLS2F02 Datasheet HTML 36Page - STMicroelectronics STLS2F02 Datasheet HTML 37Page - STMicroelectronics STLS2F02 Datasheet HTML 38Page - STMicroelectronics STLS2F02 Datasheet HTML 39Page - STMicroelectronics STLS2F02 Datasheet HTML 40Page - STMicroelectronics STLS2F02 Datasheet HTML 41Page - STMicroelectronics STLS2F02 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Electrical characteristics
STLS2F02
38/49
6
Electrical characteristics
6.1
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 13 may cause permanent
damage to the device. These are stress ratings only and functional operation of the device
at these conditions is not implied. Exposure to maximum rating conditions for extended
period may affect device reliability.
6.2
Recommended operation environment
Table 13.
Absolute maximum rating
Parameter
Description
Min
Max
Unit
Vdd
CPU core voltage
-0.3
1.32
V
Vdde1v8
DDR2 voltage
-0.3
2.0
V
Vdde3v3
IO voltage
-0.3
4.0
V
DDR2_VREF
DDR2 voltage reference
-0.3
2.0
V
Pll_vdd_1
1.0 V PLL1 digital voltage
-0.3
1.32
V
Pll_vdd_0
1.0 V PLL0 digital voltage
-0.3
1.32
V
Pllio_vdde1v8
1.8 V PLL IO voltage
-0.3
2.0
V
Pll_vdde1v8_1
1.8 V PLL1 analog voltage
-0.3
2.0
V
Pll_vdde1v8_0
1.8 V PLL0 analog voltage
-0.3
2.0
V
Pllio_vdd
1.2 V PLL IO voltage
-0.3
1.32
V
TS
Storage temperature
-55
150
°C
ESD
ESD susceptibility (CDM)
350
V
Table 14.
Recommended operating temperature, voltage and frequency
Parameter
Description
Min
Typ
Max
Unit
TA
Ambient temperature
-40
85
°C
Vdd
CPU core voltage
1.20
1.26
1.32
V
Vdde1v8
DDR2 voltage
1.7
1.8
1.9
V
Vdde3v3
IO voltage
3.0
3.3
3.6
V
DDR2_VREF
DDR2 voltage reference
0.83
0.9
0.97
V
Pll_vdd_1
1.0 V PLL1 digital voltage
1.08
1.2
1.26
V
Pll_vdd_0
1.0 V PLL0 digital voltage
1.08
1.2
1.26
V
Pllio_vdde1v8
1.8 V PLL IO voltage
1.7
1.8
1.9
V
Pll_vdde1v8_1
1.8 V PLL1 analog voltage
1.7
1.8
1.9
V
Pll_vdde1v8_0
1.8 V PLL0 analog voltage
1.7
1.8
1.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com