Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 41Page - STMicroelectronics STLS2F02 Datasheet HTML 42Page - STMicroelectronics STLS2F02 Datasheet HTML 43Page - STMicroelectronics STLS2F02 Datasheet HTML 44Page - STMicroelectronics STLS2F02 Datasheet HTML 45Page - STMicroelectronics STLS2F02 Datasheet HTML 46Page - STMicroelectronics STLS2F02 Datasheet HTML 47Page - STMicroelectronics STLS2F02 Datasheet HTML 48Page - STMicroelectronics STLS2F02 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
STLS2F02
Pin arrangement and package information
45/49
Figure 13.
Pin arrangement (middle)
vvdd
vdd
vdd
gnd
gnde
gnd
gnde
gnde
nde
vdde1
dde1v8
v8
vdde1
dde1v8
v8
gnd
gnde
gnde
nde
vdde3
dde3v3
v3
vdde3
dde3v3
v3
vdde3
dde3v3
v3
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde1
dde1v8
v8
gnd
gnde
vdde3
dde3v3
v3
vdde3
dde3v3
v3
vdde3
dde3v3
v3
gn
gnd
gn
gnd
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde3
dde3v3
v3
gn
gnd
gnd
nd
gn
gnd
gn
gnd
gnd
nd
gn
gnd
vdde1
dde1v8
v8
gnd
gnde
vdde3
dde3v3
v3
gn
gnd
gnd
nd
gn
gnd
gn
gnd
gnd
nd
gn
gnd
vdde1
dde1v8
v8
gnd
gnde
vdde3
dde3v3
v3
gn
gnd
gnd
nd
gn
gnd
gn
gnd
gnd
nd
gn
gnd
vdde1
dde1v8
v8
gnd
gnde
vdde3
dde3v3
v3
gn
gnd
gnd
nd
gn
gnd
gn
gnd
gnd
nd
gn
gnd
vdde1
dde1v8
v8
gnd
gnde
vdde3
dde3v3
v3
vdde3
dde3v3
v3
vdde3
dde3v3
v3
gn
gnd
gn
gnd
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde3
dde3v3
v3
vdde3
dde3v3
v3
vdde3
dde3v3
v3
vdde3
dde3v3
v3
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde1
dde1v8
v8
vdde1
dde1v8
v8
gnd
gnde
gnde
nde
vdd
vdd
vdde3
dde3v3
v3
gnd
gnde
gnde
nde
vdde1
dde1v8
v8
vdde1
dde1v8
v8
gnd
gnde
10
11
12
13
14
15
16
17
18
TEST_CTRL4
LIO_AD07
LIO_A2
LIO_ADLOCK
DDR2_VREF
DDR2_DQSn0
DDR2_DQ03
DDR2_DQ12
DDR2_DQM1
A
LIO_AD00
LIO_AD15
LIO_A6
LIO_DIR
DDR2_DQ00
DDR2_DQSp0
DDR2_DQ02
DDR2_DQ09
DDR2_DQSp1
B
LIO_AD03
LIO_AD13
LIO_RDn
LIO_DEN
DDR2_DQ04
DDR2_DQ05
DDR2_DQ06
DDR2_DQ08
DDR2_DQSn1
C
LIO_AD11
LIO_CSn
LIO_WRn
LIO_ROMCSn
DDR2_DQ01
DDR2_DQM0
DDR2_DQ07
DDR2_DQ13
DDR2_GATEI0
D
E
F
G
10
11
12
13
14
15
16
17
18
H
vdd
vdd
vdd
gnde
gnde
gnde
vdde1v8
vdde1v8
gnde
J
gnde
vdde3v3
vdde3v3
vdde3v3
vdde1v8
vdde1v8
vdde1v8
vdde1v8
gnde
K
vdde3v3
vdde3v3
vdde3v3
gnd
gnd
vdde1v8
vdde1v8
vdde1v8
vdde1v8
L
vdde3v3
gnd
gnd
gnd
gnd
gnd
gnd
vdde1v8
gnde
M
vdde3v3
gnd
gnd
gnd
gnd
gnd
gnd
vdde1v8
gnde
N
vdde3v3
gnd
gnd
gnd
gnd
gnd
gnd
vdde1v8
gnde
P
vdde3v3
gnd
gnd
gnd
gnd
gnd
gnd
vdde1v8
gnde
R
vdde3v3
vdde3v3
vdde3v3
gnd
gnd
vdde1v8
vdde1v8
vdde1v8
vdde1v8
T
vdde3v3
vdde3v3
vdde3v3
vdde3v3
vdde1v8
vdde1v8
vdde1v8
vdde1v8
gnde
U
gnde
vdd
vdd
vdde3v3
gnde
gnde
vdde1v8
vdde1v8
gnde
V
10
11
12
13
14
15
16
17
18
W
Y
AA
AB
PCI_REQn3
PCI_GNTn1
PCI_IRQnA
INTN1
tck
comp1v8_resistor
DDR2_SCSn1
DDR2_A00
DDR2_ODT0
AC
PCI_REQn2
PCI_REQn0
PCI_IRQnC
INTN2
tdo
PCI_CLK
DDR2_ODT3
DDR2_SCSn3
DDR2_ODT2
AD
PCI_GNTn2
PCI_GNTn0
PCI_IRQnB
INTN3
trst
tms
DDR2_ODT1
DDR2_A01
DDR2_CASn
AE
PCI_REQn1
PCI_RESETn
PCI_IRQnD
NMIN
INTN0
tdi
comp1v8_gnd
DDR2_A02
DDR2_A13
AF
10
11
12
13
14
15
16
17
18
Core and I/O ground balls
Core power balls
Color legend
1.8 V I/O power balls
3.3 V I/O power balls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com