Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 5Page - STMicroelectronics STLS2F02 Datasheet HTML 6Page - STMicroelectronics STLS2F02 Datasheet HTML 7Page - STMicroelectronics STLS2F02 Datasheet HTML 8Page - STMicroelectronics STLS2F02 Datasheet HTML 9Page - STMicroelectronics STLS2F02 Datasheet HTML 10Page - STMicroelectronics STLS2F02 Datasheet HTML 11Page - STMicroelectronics STLS2F02 Datasheet HTML 12Page - STMicroelectronics STLS2F02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
STLS2F02
Interface description
9/49
2.2
PCI bus interface signal components
The STLS2F02 PCI bus signals include:
32-bit address data bus
4-bit command data ID bus
14-bit bus arbitrator
7-bit interface control
2-bit error report signals
The STLS2F02 PCI bus signals are shown in Table 2.
Table 2.
PCI bus signals
Name
Input/output
Description
PCI_AD[63:0]
I/O
PCI address/data bus
PCI_CBEn[7:0]
I/O
PCI command/byte
PCI_PAR
I/O
Address/data parity check signal
PCI_REQn[6:1]
I
External request
PCI_REQn[0]
I/O
External request input/request output to external arbiter
PCI_GNT[6:1]
O
PCI bus grant to external device
PCI_GNT[0]
I/O
PCI bus grant to external device / grant input from
external arbiter
PCI_FRAMEn
I/O
PCI bus cycle frame
PCI_IRDYn
I/O
PCI initiator ready
PCI_TRDYn
I/O
PCI target ready
PCI_STOPn
I/O
PCI stop
PCI_DEVSELn
I/O
PCI device select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com