Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 26Page - STMicroelectronics STLS2F02 Datasheet HTML 27Page - STMicroelectronics STLS2F02 Datasheet HTML 28Page - STMicroelectronics STLS2F02 Datasheet HTML 29Page - STMicroelectronics STLS2F02 Datasheet HTML 30Page - STMicroelectronics STLS2F02 Datasheet HTML 31Page - STMicroelectronics STLS2F02 Datasheet HTML 32Page - STMicroelectronics STLS2F02 Datasheet HTML 33Page - STMicroelectronics STLS2F02 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
DDR2 SDRAM controller interface description
STLS2F02
30/49
TRP
43:40
0x0
0x0-0xF
DRAM TRP parameter in cycles.
TDAL
35:32
0x0
0x0-0xF
DRAM TDAL parameter in cycles.
CONF_CTL_10[31:0]
Offset: 0xA0
DDR2 667:0x3F130200
AGE_COUNT
29:24
0x0
0x0-0x3F
Initial value of master aging-rate
counter for cmd aging.
TRC
20:16
0x0
0x0-0x1F
DRAM TRC parameter in cycles.
TMRD
12:8
0x0
0x0-0x1F
DRAM TMRD parameter in cycles.
TFAW
4:0
0x0
0x0-0x1F
DRAM TFAW parameter in cycles.
CONF_CTL_10[63:32]
Offset: 0xA0
DDR2 667:0x1D1D1D3F
DLL_DQS_DELAY_2
62:56
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 2 during reads.
DLL_DQS_DELAY_1
54:48
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 1 during reads.
DLL_DQS_DELAY_0
46:40
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 0 during reads.
COMMAND_AGE_COUNT
37:32
0x0
0x0-0x3F
Initial value of individual cmd aging
counters for cmd aging.
CONF_CTL_11[31:0]
Offset: 0xB0
DDR2 667:0x1D1D1D1D
DLL_DQS_DELAY_6
30:24
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 6 during reads.
DLL_DQS_DELAY_5
22:16
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 5 during reads.
DLL_DQS_DELAY_4
14:8
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 4 during reads.
DLL_DQS_DELAY_3
6:0
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 3 during reads.
CONF_CTL_11[63:32]
Offset: 0xB0
DDR2 667:0x507F1D1D
WR_DQS_SHIFT
62:56
0x0
0x0-0x7F
Fraction of a cycle to delay the clk_wr
signal in the controller.
DQS_OUT_SHIFT
54:48
0x0
0x0-0x7F
Fraction of a cycle to delay the write
dqs signal to the DRAMs during writes.
DLL_DQS_DELAY_8
46:40
0x0
0x0-0x7F
Fraction of a cycle to delay the dqs
signal from the DRAMs for
dll_rd_dqs_slice 8 during reads.
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com