Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 13Page - STMicroelectronics STLS2F02 Datasheet HTML 14Page - STMicroelectronics STLS2F02 Datasheet HTML 15Page - STMicroelectronics STLS2F02 Datasheet HTML 16Page - STMicroelectronics STLS2F02 Datasheet HTML 17Page - STMicroelectronics STLS2F02 Datasheet HTML 18Page - STMicroelectronics STLS2F02 Datasheet HTML 19Page - STMicroelectronics STLS2F02 Datasheet HTML 20Page - STMicroelectronics STLS2F02 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
STLS2F02
IO bus interface description
17/49
3
IO bus interface description
The STLS2F02 processor IO interface consists of the PCI bus and a local bus. The PCI bus
is used to for generic peripheral device interface, while the local bus a simple interface for
processor boot or debug.
3.1
PCI interface characteristic
The PCI interface features are as follows:
●
PCI 2.3 and PCIX 1.0 compatible
●
Support PCI 66 MHz and PCIX133 MHz
●
Support dual address cycle for 64-bit addressing
●
Support 8 outstanding master request in PCIX mode
●
Support 4 delay-split read request in PCIX mode
3.2
Host and agent mode
The STLS2F02 PCI interface can work in host mode or agent mode, depending on the initial
value of signal PCI_CONFIG.
When the processor works in host mode, the interface initializes the bus device according to
the value of PCI_CONFIG[6:4]. In this case, PCI_IDSEL can be connected directly to GND.
When the processor works in agent mode, the initial value of the PCI bus defines the
working-mode of the interface. In host mode, on the system main board, the value of
PCI_CONFIG[6:4] should be set according to the ability of bus device. (Refer also to the
PCIX 1.0 standard)
3.3
PCI bus arbitrator
The PCI/PCIX bus arbitrator built into the STLS2F02 supports up t o 7 external masters. The
arbitration rules are two-level round robin scheduling. The level of each request is
determined by software configuration. The bus is granted to insert a dummy cycle during
switching. Bus parking can be configured as the last master or any specified master.
The internal request/grant wire of the interface can be set to connect to the number 0
request/grant wire by PCI_CONFIG [1] so that the external bus arbitrator can be used.
3.4
System interface connection
The STLS2F02 processor can be easily implemented in uniprocessor system. Since no
multi-processor cache coherence protocol is supported in the PCI interface, the cache
coherence should be managed by software in a multiprocessor system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com