Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F02 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STLS2F02
Description  Loongson 2F high performance 64-bit superscalar MIPS® microprocessor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F02 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STLS2F02 Datasheet HTML 35Page - STMicroelectronics STLS2F02 Datasheet HTML 36Page - STMicroelectronics STLS2F02 Datasheet HTML 37Page - STMicroelectronics STLS2F02 Datasheet HTML 38Page - STMicroelectronics STLS2F02 Datasheet HTML 39Page - STMicroelectronics STLS2F02 Datasheet HTML 40Page - STMicroelectronics STLS2F02 Datasheet HTML 41Page - STMicroelectronics STLS2F02 Datasheet HTML 42Page - STMicroelectronics STLS2F02 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
STLS2F02
Electrical characteristics
39/49
6.3
DC parameters
Pllio_vdd
1.2 V PLL IO voltage
1.08
1.2
1.26
V
TJ
Junction temperature
-40
125
°C
Table 14.
Recommended operating temperature, voltage and frequency (continued)
Parameter
Description
Min
Typ
Max
Unit
Table 15.
DC parameters
Parameter
Description
Min
Typ
Max
Unit
Note
VIH
Input high level voltage
2
V
(1)
1.
Input pin level (including tri-state pin).
VIL
input low level voltage
0.8
V
(1)
VOH
output high level voltage
vdde3v3-0.3
V
(2)
2.
Individual output pin (including output state tri-state pin) level.
VOL
output low level voltage
0.3
V
(2)
IIH
input high level leakage current
0.002
0.4
µA
(3)
3.
For tri-state input pin (excluding input).
IIL
input low level leakage current
-67.3
-65
µA
(3)
IOL
output low level current
8
mA
(4)
4.
Individual output pin (including output state tri-state pin) driving capability.
IOH
output high level current
8
mA
(4)
CIN
Input pin capacitor
4.4
7
7.5
pF
COUT
Output pin capacitor
23
25
27
pF
RPH
Pull-up resistance
32
50
81
K
Ω
(5)
5.
For input pin (excluding tri-state pin).
Table 16.
DC parameters (JTAG)
Parameter
Description
Min
Typ
Max
Unit
Note
CTIN
Test input capacitance
4.4
7
7.5
pF
(1)
1.
For TDI, TMS and TRST in JTAG.
CTOUT
Test output capacitance
23
25
27
pF
(2)
2.
For TDO in JTAG.
CTCK
TCK capacitance
4.4
7
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com