Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
MC44BS373CA Data Sheet
MC44BS373CA Modes of Operation
MC44BS373CA Modes of Operation
15 MC44BS373CA Modes of Operation
15.1 Power-On Settings
At power on, the MC44BS373CA is configured as shown in Table 25 below.
15.2 Power Supply
The three device VCC pins (pins 10, 13 and 15 for SO16 package, pins 10, 15 and 17 for QFN20 package)
must be applied at the same time to ensure all internal blocks are correctly biased. Do not bias any other pin
before VCC is applied to the MC44BS373CA.
When all VCCs are switched to 0 V, the SDA and SCL pins are high impedance.
15.3 Standby Mode
During standby mode, the modulator is switched to low power consumption. That is, the sound oscillator,
UHF oscillator, and the video and sound modulator sections’ bias are internally turned off. The I2C bus
section remains active.
The MC44BS373CA can be set to standby mode with a combination of 3 bits: OSC = 1, SO = 1, and ATT = 1.
15.4 System L or B / G Selection
The SYSL pin can be used to switch the device between system L and system B/G, as summarized in
Table 26.
Table 25. Power-On Settings
WRITE MODE
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
C1-High order bits
10000000
ACK
C0-Low order bits
00001000
ACK
FM-High order bits
0
0
N11
N10
N9
N8
N7
N6
ACK
FL-Low order bits
N5
N4
N3
N2
N1
N0
0
0
ACK
Note:
N0 to N11 are set to have UHF oscillator on channel E36 (591.25 MHz). (See Section 15.7, “UHF PLL Section,” for
more information.) Peak white clip is on. Sound frequency is 5.5 MHz. Sound reference frequency is 31.25 kHz.
Logic output port is low voltage. Picture-to-sound ratio is 12 dB.
Table 26. System L or B/G Selection
Function
B/G (SYSL = 0)
L (SYSL = 1)
Video modulation polarity
Negative
Positive
Video modulation depth (% typical) 1
1 See Section 12, “Video Characteristics.”
82
93
Sound modulation
FM
AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com