Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
MC44BS373CA Data Sheet
Audio Characteristics
Audio Characteristics
13 Audio Characteristics
Each of the characteristics listed in Table 22 is classified as one of the following types:
•
A—100% tested
•
B—100% correlation tested
•
C—Characterized on samples
•
D—Design parameter
See Section 14, “Characterization Measurement Conditions,” for each C-type parameter.
Unless otherwise stated, VCC = 5.0V, ambient temperature = 25°C, and video input is 1 Vp-p, with 10-step
grey scale and RF output into 75-
Ω load.
NOTE
Specifications are only valid for envelope demodulation.
Table 22. Audio Performance Characteristics 1
1 See Section 14, “Characterization Measurement Conditions.”
Parameter
Test Conditions
Minimum Typical Maximum Unit Type
Picture-to-sound ratio
PS bit set to 1
13
16
19
dB
B
PS bit set to 0
9
12
15
Audio modulation depth
Using specific pre-emphasis circuit,
audio input level = 205 mVrms, audio frequency = 1 kHz
AM modulation: SECAM Fs=6.5MHz
76
80
84
%
B
FM modulation: Fs=5.5, 6, or 6.5 MHz
100% modulation = ±50 kHz FM deviation
76
80
84
%
B
FM modulation: NTSC Fs=4.5MHz
100% modulation = ±25 kHz FM deviation
76
80
84
%
B
Audio input resistance
45
53
61
K
Ω
A
Audio frequency response Reference 0dB at 1kHz
using specified pre-emphasis circuit,
measured from 50 Hz to 15 kHz
(depends on loop filter components)
–2.0
—
+2.0
dB
C
Audio distortion FM
(THD only)
At 1 kHz, 100% modulation (
±50 kHz)
No video
—0.2
0.8
%
C
Audio distortion AM
(THD only)
At 1 kHz, 100% modulation
No video
—1.5
2.5
%
D
Audio S/N with sync
buzz FM
Ref 1 kHz, 50% modulation (±25 kHz)
EBU color bars video signal,
using CCIR 468-2 weighting filter
50
54
—
dB
C
Audio S/N with sync
buzz AM
Reference 1kHz, 85% modulation
Video input EBU color bar 75%
Audio BW 40Hz–15kHz,
using CCIR 468-2 weighting filter
45
50
—
dB
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com