Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC44BS373CADR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
MC44BS373CA Data Sheet
MC44BS373CA Functional Overview
4 MC44BS373CA Functional Overview
Figure 2 shows a simplified block diagram of the MC44BS373CA.
Figure 2. MC44BS373CA Simplified Block Diagram
The MC44BS373CA device has three main sections:
A high-speed I2C-compatible bus section
A PLL section to synthesize the UHF /VHF output channel frequency (from an integrated UHF
oscillator, divided for VHF output)
A modulator section, which accepts audio and video inputs, then uses them to modulate the
UHF/VHF carrier
An on-chip video test pattern generator with an audio test signal is included.
The MC44BS373CA operates as a multi-standard modulator and can handle the following systems using
the same external circuit components: B /G, I, D /K, L, M/N.
High-frequency BiCMOS technology allows integration of the UHF tank circuit and certain filtering
functions.
TVOVCC
TVOUT
LOP
VIDEO
SPLLFLT
AUDIO
VCCA
GND
PREEM
XTAL
PLLFLT
GNDD
VCCD
SCL
SDA
BUS SECTION
VCO and PLL SECTION
MODULATOR
SECTION
Clamp
Peak
White
L/BG
31.25/62.5
31.25 kHz
4-MHz
XCO
Ref Divider
/128
Phase
Comp
PLL
Prog
Divider
Prescaler /8
VHF Dividers
Video
Modulator
LPF
LPF
RF Sound
Modulator
L/BG
FM
AM
ALC
LPF
Prog
Divider
AM Modulator
Audio
Amplifier
Sound
Oscillator
and FM
Modulator
Sound
PFD
kHz
High Speed
I2C Bus
Receiver
UHF OSC
I2C BUS
I2C BUS
75
GND
Clip
AUXIN
CAS
(only in QFN 20)
(only in QFN 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com