Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
MC44BS373CA Data Sheet
Characterization Measurement Conditions
Characterization Measurement Conditions
Unweighted Video Signal to Noise
Same as above with CCIR filter disabled
Same as above
Video Differential Phase
Video: 5-step grey scale, 1 Vp-p
No audio signal
This is measured using a Rohde & Schwarz
AMFS UHF demodulator in B/G (using a
CCIR Rec. 567 weighting network),
100-kHz to 5-MHz band with sound trap
and envelope detection, and a Rohde &
Schwarz UAF video analyzer.
On line CCIR 330, the video analyzer DP measure consists of calculating
the difference of the chroma phase at the black level and the different
chroma subcarrier phase angles at each step of the grey scale. The
largest positive or negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
Video Differential Gain
Video: 5-step grey scale, 1 Vp-p
No audio signal
This is measured using a Rohde & Schwarz
AMFS UHF demodulator in B/G (using a
CCIR Rec. 567 weighting network),
100-kHz to 5-MHz band with sound trap
and envelope detection, and a Rohde &
Schwarz UAF video analyzer.
On line CCIR 330 shown below, the video analyzer DG measure consists
of calculating the difference of the chroma amplitude at the black level
and the different amplitudes at each step of the grey scale. The largest
positive or negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
Video Modulation Depth
No audio signal
Video: 10-step grey scale
This is measured using an HP8596E spectrum analyzer with a TV trigger
option, allowing demodulation and triggering on any specified TV line.
The analyzer is centred on the maximum peak of the video signal and
reduced to 0 Hz span in linear mode to demodulate the video carrier
.
The modulation depth is calculated as (A – B) / A x 100 in percent.
Same measurement method for L standard, with inverted video.
Table 24. Measurement Conditions (continued)
Device and Signal Set-Up
Measurement Set-Up
Diff Phase =
× 100%
Phase at position 0
Largest positive or negative difference
0
1
2
3
4
5
5-Step Grey Scale with Chroma Subcarrier Superimposed
(Not to Scale), Line CCIR 330
Diff Gain =
× 100%
Amplitude at position zero
Largest positive or negative difference
A ( 6-10mV)
B (0.6 - 3mV)
TV Line Demodulated by Spectrum Analyzer—BG Standard
A(mV)
B(mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com